Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 77 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 77 Page - FCI connector

Back Button UTG11823P Datasheet HTML 73Page - FCI connector UTG11823P Datasheet HTML 74Page - FCI connector UTG11823P Datasheet HTML 75Page - FCI connector UTG11823P Datasheet HTML 76Page - FCI connector UTG11823P Datasheet HTML 77Page - FCI connector UTG11823P Datasheet HTML 78Page - FCI connector UTG11823P Datasheet HTML 79Page - FCI connector UTG11823P Datasheet HTML 80Page - FCI connector UTG11823P Datasheet HTML 81Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
Contacts
79
From simple calculations, one can see that
the closer the bundle approaches the single
wire condition, the higher the allowable
current per conductor becomes, to even
such an extent, that it exceeds the
recommended continuous current value. In
that case, the recommended continuous
value should have preference. In order to
make this clear, we will give some typical
examples.
• Example 1
Cable bundle, 48 conductors AWG20
(0.5mm2) used with circular TrimTrio
connector with insert arrangement
24-48 and machined size 16 contacts
RM/RC20.
- Total operating current capacity of
bundle 48 x 7.5 A ( table I) = 360 A
- Total allowable capacity for bundles of
more than 15 wires is 20% = 72 A
- When all conductors are energized
equally, this gives:
72 : 48 = 1.5 A per conductor
When for instance 5 conductors are
energized to the recommended continuous
current of 5 A (see table 1) resulting in 25 A
consumption, the other conductors may not
take more than
72 - 25 = 47 A all together, or 1 A per
conductor.
Any other combination can of course also
be taken as long as the total capacity of 72
A is not exceeded and the recommended
continuous current is respected.
Remark
Please note that contacts used are of the
size 16 type with maximum operating
current of 13 A (table 2).
The maximum operating current of the
bundle is however restricted to 7.5 A per
conductor due to the wire size of AWG20
(see table 1).
• Example 2
Cable bundle, 14 conductors AWG22 (0.32
mm2) used with rectangular
Trim Trio connector with insert arrangement
for 14 contacts, and machined size 16
contacts RM / RC20.
- Total operating current capacity of
bundle 14 x 5 (table I) = 70 A
- Total allowable for wire bundle of 15
wires less 1 is 20% + 6% = 26%
gives 18.2 A.
- All conductors energized equally, gives:
18.2 : 14 = 1.3 A per conductor
This value is within the recommended rating
of 3 A so that it can be applied.
See also remark under example 1.
• Example 3
Cable bundle, 4 conductors AWG16
(1.3mm2) used with circular Trim Trio
connector with insert arrangement 10-4 and
stamped 2 piece contacts
SM /SC.
- Total operating current capacity of
bundle 4 x 13 A (table I) = 52 A
- Total allowable for wire bundle of 15
wires less 11 is 20% + 66% = 86%
gives 44.7 A.
- All conductors energized equally, gives:
44.7 : 4 = 11.2 A per conductor
Since the recommended continuous current
is 10 A, the conductor should not carry
more than 10 A individiually.
As said before, the recommended ratings are valid for most common wiring systems
and under normal working conditions. For extreme conditions, the given values should
be lowered. The percentage of current reduction should be investigated from case to
case.
A rule-of thumb which can be used for such cases is:
4 Amp. per mm2 wire section
It gives us for common used wire sizes the values listed in table 3.
26
0.13
0.5
24
0.20
0.8
22
0.32
1.3
20
0.52
2.0
18
0.82
3.3
16
1.30
5.2
14
2.10
8.4
AWG
wire size
recommended
mm2
continuous
current
Amp.
Table 3 - Recommended continuous current for extreme working conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com