Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 60 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 60 Page - FCI connector

Back Button UTG11823P Datasheet HTML 56Page - FCI connector UTG11823P Datasheet HTML 57Page - FCI connector UTG11823P Datasheet HTML 58Page - FCI connector UTG11823P Datasheet HTML 59Page - FCI connector UTG11823P Datasheet HTML 60Page - FCI connector UTG11823P Datasheet HTML 61Page - FCI connector UTG11823P Datasheet HTML 62Page - FCI connector UTG11823P Datasheet HTML 63Page - FCI connector UTG11823P Datasheet HTML 64Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 101 page
background image
SMS - Qikmate
62
Qikmate panel
and cable connectors
Description
The versatile “ SMS “ Qikmate panel and
cable connectors are a highly cost-effective
system approach to solving the constant
demand for more cost effective
interconnection techniques.
It is a range of multiway connectors using
N° 16 TRIM TRIO .0625” (1.6mm) diameter
contacts and available in 10 contact
arrangements from 2 to 36 positions.
Having no additional hardware, Panel
receptacle connectors snap and lock into
panel cutouts and cable plugs quick
connect and disconnect with positive
retention locks.
Cable plug connectors also feature pin-
protection skirts, positive polarisation and
can be supplied with or without integrated
strain relief hoods.
Cable receptacle connectors (only with
integrated strain relief hoods) are developed
to mate with cable plug connectors thus
offering solutions for cable to cable
applications.
Features and benefits
• Available in 10 contact arrangements.
• Self mountable panel receptacle with
positive housing retention.
• Cable plugs with retaining latches for
positive locking.
• Cable plug has pin protection skirt to
prevent damage of male contacts
• Positive polarization keys prevent
mismating.
• Cable plug and receptacle have
integrated strain relief hood which can
take a wide range of cables.
• Cable plug and receptacle have
discrimination cavities in between contact
cavities, thus offering discrimination
without contact loss.
Performance characteristics
Operating
temperature:
-55°C to +105°C
Insulation
resistance:
5000 M
Ω min.
Test potential: 2000 VAC
Durability:
500 matings and unmatings.
Construction
Material : Polyamide 6.6
Flammability rating : UL94-V2
Contact accommodation
• “SMS” Qikmate connectors accept Trim-
Trio removable snap-lock contacts (see
contact section)
• Contacts to be ordered seperately.
How to order
SMS
SMS
12
12
PDH1
P1
Connector family
Contact arrangement
Body variation:
R1:
Panel mount receptacle
P1:
Cable plug without strain relief hood
PDH1: Cable plug with integrated strain relief hood
RDH1: Cable receptacle with integrated strain relief hood



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com