Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 22 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 22 Page - FCI connector

Back Button UTG11823P Datasheet HTML 18Page - FCI connector UTG11823P Datasheet HTML 19Page - FCI connector UTG11823P Datasheet HTML 20Page - FCI connector UTG11823P Datasheet HTML 21Page - FCI connector UTG11823P Datasheet HTML 22Page - FCI connector UTG11823P Datasheet HTML 23Page - FCI connector UTG11823P Datasheet HTML 24Page - FCI connector UTG11823P Datasheet HTML 25Page - FCI connector UTG11823P Datasheet HTML 26Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 101 page
background image
UTO - Bantam
24
Metal circular
connector
(Suitable for EMC requirements)
Description
“UT0” Bantam industrial circular
connectors are a range of multiway
connectors available in 8 shell sizes and 8
insert arrangements all intermateable,
interchangeable and intermountable with
the Trim-Trio “UTG” , “UTGS” and “UTP
industrial connector families.
“UT0” is equipped with identical shells
from military connectors complying to
MIL-C-26482 spec.
Strong and rugged built to resist every
environmental and mechanical requirement
for indoor and outdoor applications.
In combination with the shielded backshell ,
“UT0” offers the perfect solution to EMC
requirements.
Features and benefits
• Suitable for EMC requirements.
• Shielded backshell is independent of the
cable diameter and its shielding.
• Available in 8 shell sizes and 8 insert
arrangements.
• Available in plug and receptacle version
for both male and female contacts.
• Shells and accessories are made from tin
plated corrosion resistant Aluminium.
• Plastic inserts with flammability rating:
UL94-V0.
• Alu. bayonet ring:
- Metal wave spring loaded.
- Locks with audible positive “click”
- Assures 500 matings and unmatings
Performance characteristics
Operating
temperature:
-55°C to +125°C
Insulation
resistance:
5000 M
Ω min.
Test potential: 2000 VAC
Durability:
500 matings and unmatings.
Vibration
Per MIL-STD202
resistance:
method 204
Thermal
Per MIL-STD202
shock:
method 207
Corrosion:
Salt spray per MIL-STD 202
method 101
Shielding effectiveness: 95 dB at 1 Mhz
(see shielded connectors section)
Degree of protection per DIN 40050:
IP65 in mated condition. “H” version used
with UTG-PG cable clamp
Construction
Shells and accessories: Alumimium alloy
Coupling ring: Aluminium alloy
Tri-lock pins: Stainless steel
Coupling spring: Spring steel
Insert: Glass-filled thermoplast UL94-V0
Finish: Bright tin (standard)
Contact accommodation
• “UT0” connectors accept Trim-Trio
removable snap-lock contacts (see
contacts section)
• Contacts to be ordered seperately.
How to order
T
– –
H
–
–
P
S
12
12
14
14
0
6
UT0
UT0
Body variation:
0 : Wall mounting receptacle
6 : Cable plug
1 : Free hanging receptacle
7 : Bulk head receptacle for rear panel mounting
Shell size:
Insert arrangement:
Type of contacts:
P : Pin contacts
S : Socket contacts
Insert polarisation: No letter : Standard version
Application:
No letter : Standard version
H : Water protected version (only receptacle)
Design variation:
No letter : Standard version
Others : Special versions
Plating:
T : Bright tin (Standard version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com