Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 66 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 66 Page - FCI connector

Back Button UTG11823P Datasheet HTML 62Page - FCI connector UTG11823P Datasheet HTML 63Page - FCI connector UTG11823P Datasheet HTML 64Page - FCI connector UTG11823P Datasheet HTML 65Page - FCI connector UTG11823P Datasheet HTML 66Page - FCI connector UTG11823P Datasheet HTML 67Page - FCI connector UTG11823P Datasheet HTML 68Page - FCI connector UTG11823P Datasheet HTML 69Page - FCI connector UTG11823P Datasheet HTML 70Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 101 page
background image
SMS - Qikmate
68
Accessories for standard Qikmate connectors
Pin protection shroud for panel mount receptacle (SMS--CSB1)
When pins are inserted into the panelmount
receptacle half (SMS--R1) of the QIKMATE
connector, an optional pin protection
shroud can be installed.
The shroud is mounted at the same time as
the receptacle by holding the shroud
against the mating side of the panel with
both cutouts lined up. The receptacle is
then inserted in place, trapping the shroud
between the receptacle and panel. The use
of the pin protection shroud reduces the
allowable thickness of the panel from 2.3 to
1.6 mm max.
Strain relief hoods (SMS—H1)
Part number
Number of contact
A
B
positions
SMS2CSB1
2
19.8
SMS3CSB1
3
23.4
18.8
SMS4CSB1
4
28.4
SMS6CSB1
6
23.9
SMS9CSB1
9
29.0
SMS12CSB1
12
23.4
34.0
SMS15CSB1
15
39.1
SMS18CSB1
18
44.2
SMS24CSB1
24
28.4
SMS36CSB1
36
54.1
34.0
Discrimination pins
For discrimination pins on both standard Qikmate and Qikmate Pin Headers cable and boardmount:
See accessories section.
Separate strain relief hoods are available for all standard plugs SMS—P1.
The hoods consist of identical halves that snap into position on the plug and are secured in
place with the cable tie drawn tightly around the cabe entry collar.
Catalog numbers designate a complete hood (2 halves) SMS—H1
The cable tie is not included (TF4D – TF5D)
Two three and four position hoods are single piece units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com