Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 84 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 84 Page - FCI connector

Back Button UTG11823P Datasheet HTML 80Page - FCI connector UTG11823P Datasheet HTML 81Page - FCI connector UTG11823P Datasheet HTML 82Page - FCI connector UTG11823P Datasheet HTML 83Page - FCI connector UTG11823P Datasheet HTML 84Page - FCI connector UTG11823P Datasheet HTML 85Page - FCI connector UTG11823P Datasheet HTML 86Page - FCI connector UTG11823P Datasheet HTML 87Page - FCI connector UTG11823P Datasheet HTML 88Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 101 page
background image
RMDX/RCDX
86
How to order
D28
D28
K10
K1
RMDX
RCDX
Contact type:
RMDX = Male subminiature coax.
RCDX = Female subminiature coax.
Multipiece coax kit
K10 = Kit male coax.
K1 = Kit female coax
Plating indication
Size 16 MULTIPIECE
coaxial contacts for
TRIM TRIO connectors
Description
Size 16 RMDX/RCDX Multipiece .063”
(1.6mm) diameter contacts are subminiature
coaxial contacts to cover a wide range of
subminiature coaxial and twisted pair
cables.
They are suitable in applications where a
mix of signal, power and coaxial cable
terminations for low frequency, shielded
signal and high frequency applications are
needed.
The contact consist of an inner pin/socket
and an outer male/female body.
The thermoplastic insulating bushing in the
outer body is designed to accept and
permanently retain the inner contact.
The outer ferrule hold the outer braid to the
outer contact and act as an insulating
support to ensure against bending and
vibrating stresses.
The inner and the outer conductor are
crimped individually, thereby enabling
inspection of both critical crimp points.
Features and benefits
• The inner and outer conductors are
crimped individually
• The thermoplastic insulating bushing in
the outer body is designed to accept and
permanently retain the inner contact.
• Outer ferrule hold the outer braid to the
outer contact and act as an insulating
support to ensure against bending and
vibration.
Performance characteristics
Operating voltage between
inner / outer contact:
230 VDC
Test potential between
inner / outer contact
750 VAC 1 min.
Operating temperature:
-55°C t0 +
125°C
Contact retention in body: 65 N min.
Contact voltage drop a 1A: 25m V max.
Isolation at 30 MHZ:
140 db.
Construction
Inner and outer contacts: High conductive
copper alloy
Retaining spring: berylium copper
Insulating bushing: Polyamide 6.6
Plating table
Retaining spring: Nickel plated
Inner and outer contacts:
D28: 0.75 µ Gold min. over Nickel
Connector accommodation
Any TRIM TRIO contact can be used in any
contact position in any connector in the
TRIM TRIO interconnection system.
• MS-M/ MSG Rectangular connectors
• SMS Qikmate
• G - Bantamate
• UT-Bantam
• UTG Metalok bantam
• UTP Full plastic bantam
• UTGS Shielded bantam
• MBG Bantamate II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com