Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 78 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 78 Page - FCI connector

Back Button UTG11823P Datasheet HTML 74Page - FCI connector UTG11823P Datasheet HTML 75Page - FCI connector UTG11823P Datasheet HTML 76Page - FCI connector UTG11823P Datasheet HTML 77Page - FCI connector UTG11823P Datasheet HTML 78Page - FCI connector UTG11823P Datasheet HTML 79Page - FCI connector UTG11823P Datasheet HTML 80Page - FCI connector UTG11823P Datasheet HTML 81Page - FCI connector UTG11823P Datasheet HTML 82Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 101 page
background image
Contacts
80
Crimping instructions
The conductor and insulation crimp
section
Are designed to accommodate wire-
conductor and insulation diameters,
expressed in AWG (American Wire Gauge)
or mm2.
For each wire gauge, a correct crimp
requires a crimp height that offers the
highest performance.
This performance is defined as the highest
tensile strength force.
A good conductor crimp can be guaranteed
if the tensile stength force is equal or higher
as indicated on the graph below. E.g. a
conductor of AWG20 (0.52 mm2) has a
good crimp if the tensile strength is min
84N.
The tensile strength force is measured in
Newtons and is the wire-to-contact
connection that will withstand when a
straight axial load is applied to the
terminated wire. This is however a
destructive test and is therefore
inappropriate as a 100% inspection
method.
An alternative method is to measure crimp
height. The crimp height is measured at the
conductor-crimp section.
• If the dimension is too small, then the
conductor is over-crimped and the wire
strands could be damaged, which results
in a lower tensile strength force.
• If the dimension is too large, then the
conductor is under-crimped and the wire
strands will not be deformed enough to
assure that the crimp will pass the tensile
strength test.
In both cases, the application tooling’s
crimp height should be adjusted.
In order to have the right tooling’s crimp
height go and no-go gauges can be
obtained and are defined in function of the
type of crimp tooling and the wire gauge.
For further information consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com