Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 67 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 67 Page - FCI connector

Back Button UTG11823P Datasheet HTML 63Page - FCI connector UTG11823P Datasheet HTML 64Page - FCI connector UTG11823P Datasheet HTML 65Page - FCI connector UTG11823P Datasheet HTML 66Page - FCI connector UTG11823P Datasheet HTML 67Page - FCI connector UTG11823P Datasheet HTML 68Page - FCI connector UTG11823P Datasheet HTML 69Page - FCI connector UTG11823P Datasheet HTML 70Page - FCI connector UTG11823P Datasheet HTML 71Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 101 page
background image
SMS - Boardmount Qikmate
69
Qikmate PC-
boardmount connectors
Description
These PC boardmount connectors enable
QIKMATE and preassembled TRIM TRIO
contacts to be PC board mounted, using
conventional solder production techniques.
They will then mate and latch with the
standard QIKMATE plugs.
Straight boardmount QIKMATE is available
in 10 insert arrangements from 2 to 36
positions.
Right-angled boardmount QIKMATE is
available in 3, 6, 12 and 18 positions.
All boardmount connectors are supplied
fully loaded with pin or socket contacts,
either in solid machined or stamped and
formed contacts.
Stamped and formed contact have
selective tin plating on the solder tails, thus
eliminating flux operations.
Features and benefits
• Straight versions available in 10 contact
arrangements from 2 to 36 positions
• Right-angled versions available in 3, 6, 12
and 18 positions.
• All versions are available with:
- Pin or socket contacts
- Stamped and formed or solid machined
contacts.
• Some boardmount connectors have
discrimination cavities in between contact
cavities, thus offering discrimination
without contact loss.
Performance characteristics
Operating
temperature:
-55°C to +125°C
Insulation
resistance:
5000 M
Ω min.
Test potential: 2000 VAC
Current rating: 5 Amp
Durability:
500 matings and unmatings.
Construction
Connector body:
Glass filled thermoplast
UL94-V0
Contacts: High conductive copper alloy
Plating table
Plating for solid machined contacts:
No digit (std) = Min. 0.4µ Gold all over,
over Nickel.
T = 3 - 5µ Tin all over
Plating for Stamped and formed contacts :
K9 (std) = Min. 0.4µ Gold in contact
area, 3 - 5µ Tin on solder
tail.
T = 3 - 5µ Tin all over
Intermateability
• “SMS” Qikmate boardmount connectors
with preassembled TRIM TRIO boarmount
contacts are intermateable only with the
“SMS” Qikmate cable plug connectors
equipped with TRIM TRIO crimp type
removable snap-lock contacts (see
contact section)
How to order
SMS
SMS
3
3
GE
SE
12
12
–
K9
Connector family
Contact arrangement
Contact type:
GE: Solid machined contacts
SE: Stamped and formed contacts
Design variation:
3:
Straight boardmount with female contacts
4:
Straight boardmount with male contacts
5:
Right angle boardmount with female contacts
6:
Right angle boardmount with male contacts
Plating indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com