Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 96 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 96 Page - FCI connector

Back Button UTG11823P Datasheet HTML 92Page - FCI connector UTG11823P Datasheet HTML 93Page - FCI connector UTG11823P Datasheet HTML 94Page - FCI connector UTG11823P Datasheet HTML 95Page - FCI connector UTG11823P Datasheet HTML 96Page - FCI connector UTG11823P Datasheet HTML 97Page - FCI connector UTG11823P Datasheet HTML 98Page - FCI connector UTG11823P Datasheet HTML 99Page - FCI connector UTG11823P Datasheet HTML 100Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 101 page
background image
Crimptooling
98
K750ASC
Stripper / Crimper
machine for Trim Trio
contacts.
Description
The Strip Crimp 750 processes all banded
contacts with cross sections from 0.05 –
4.0 mm2.
The press has a 40mm stroke and can be
used with all UNI-C applicators as well as
side-feed mini-style applicators.
Built with well proven precision mechanics
and state of the art electronics, the machine
is extremely user friendly. One example is
the graphic display from which all stripping
parameters can be set and called up
digitally.
Up to 254 different wire programs can be
stored in the memory.
Precision stripping and gas tight crimps
guarantee maximum processing quality.
Ref.:
K750ASC
Power.:
0.37 kWatt
Weight:
85 kg
Dimensions:
350x460x485
P100MAN (TT Press)
This electromechanical high speed full automatic crimping press is
specially designed for mass production and is realised totally in
assembled steel parts.
The available force consents the crimping of a wire section up to
2.5mm2.
The press has a 40mm stroke and can be used together with side
feed mini-style applicators.
The noise level of the press is less than 70dB.
There is a safety mechanism that stops the press if the working
speed is too high or the press does not complete its cycle. This
protects the press or equipment mounted on board from damage.
Ref.:
P100MAN
Power.:
0.75 kWatt
Weight:
41 kg
Dimensions:
200x300x580
MLS--- Left side miniapplicator
Miniapplicatorsn to crimp machined or stamped and formed TRIM
TRIO contacts.
All the adjustments requested to make tool correctly functioning
(crimp feeding pitch, crimp height...) can be simply made.
Resolution of 0.03mm. Regulation range from 0 to 2.7 mm.
Ref.:
See contact sections
Stroke:
40 mm
Weight:
4.5 kg
Dimensions:
145x107x150
Options
1 - Quality assurance for crimping technology...
A crimping force sensor continuously checks the quality of each individual
crimp and records it without impairing the processing speed. The sensor
detects bad crimp connections, eliminating the high subsequent costs
otherwise caused by them.
For ordering consult factory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com