Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 95 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 95 Page - FCI connector

Back Button UTG11823P Datasheet HTML 91Page - FCI connector UTG11823P Datasheet HTML 92Page - FCI connector UTG11823P Datasheet HTML 93Page - FCI connector UTG11823P Datasheet HTML 94Page - FCI connector UTG11823P Datasheet HTML 95Page - FCI connector UTG11823P Datasheet HTML 96Page - FCI connector UTG11823P Datasheet HTML 97Page - FCI connector UTG11823P Datasheet HTML 98Page - FCI connector UTG11823P Datasheet HTML 99Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 101 page
background image
Crimptooling
97
Weight:
800 gr.
Length:
275 mm.
Weight:
400 gr.
Length:
230 mm.
Weight:
400 gr.
Length:
205 mm
Weight:
400 gr.
Length:
205 mm.
M8ND - for machined and formed contacts
A robust full cycling hand ratchet tool which utilises interchangeable
“N” die sets to crimp
Size 16 TRIM TRIO RM/RC loose piece machined contacts.
Size 16 TRIM TRIO SM-M/SC-M loose piece formed contacts.
Y14MTV - for formed contact
A light weight crimptool with fixed 3-groove die set for AWG26 to 14
for: Size 16 TRIM TRIO SM-M/SC-M loose piece formed
contacts.
Ratchet controlled to guarantee a complete crimp cycle.
Y16SCM2 - for formed contacts
A light weight crimptool with fixed 3-groove die set for AWG26 to 16
for:
Size 16 TRIM TRIO SM-M/SC-M loose piece formed contacts.
Ratchet controlled to guarantee a complete crimp cycle.
Each crimptool is supplied with a locator to guarantee a perfect
crimp indent
positioning.
Y14SCM - for formed contacts
A light weight crimptool with fixed 3-groove die set for AWG18 to 14
for:
Size 16 TRIM TRIO SM-M/SC-M loose piece formed contacts.
Ratchet controlled to guarantee a complete crimp cycle.
Each crimptool is supplied with a locator to guarantee a perfect
crimp indent positioning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com