Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 81 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 81 Page - FCI connector

Back Button UTG11823P Datasheet HTML 77Page - FCI connector UTG11823P Datasheet HTML 78Page - FCI connector UTG11823P Datasheet HTML 79Page - FCI connector UTG11823P Datasheet HTML 80Page - FCI connector UTG11823P Datasheet HTML 81Page - FCI connector UTG11823P Datasheet HTML 82Page - FCI connector UTG11823P Datasheet HTML 83Page - FCI connector UTG11823P Datasheet HTML 84Page - FCI connector UTG11823P Datasheet HTML 85Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 101 page
background image
RM/RC - Machined contacts
83
The RM/RC contact packing
50 pcs bulk packing (standard)
1000 pcs bulk packing
Reeled contacts on plastic carrier (qty 2000 pcs)
The RC contact principle
The RCS contact principle
Special RM / RC contacts: Contact size 16 - Pin diameter 1.6mm (.063”)
Part number
Wire size
Post cross
Length out
Anti-
of
rotating
Pin contacts
Fig.
Socket contacts
Fig.
Type
AWG
mm2
section
TRIM TRIO
bushing
A
cavity
part
number
RM16MSC(*)
1
RC16MSC(*)
6
Handsolder
16 - 20
1,50 - 0,52
ø1.7
--
-
RM16SEO(*)
1
RC16SE4(*)
6
Handsolder
16 - 20
1.50 - 0.52
ø1.7
3.5
-
RM20M12G4(*)
2
RC20M12G4(*)
7
Mini - wrap
28 - 30
0.08 - 0.05
.636
16.0
J1661
RM20M12E8(*)
5
RC20M12E8(*)
Dipsolder
-
-
ø 0.9
5.2
-
RC20M12E83(*)
10
Dipsolder
-
-
ø 0.9
10.4
-
RC20M12E84(*)
Dipsolder
-
-
ø 0.9
13.9
-
RM20M12G50(*)
4
RC20M12G50(*)
9
Dipsolder
-
-
ø 0.8
6
-
RM20M12G60(*)
3
RC20M12G60(*)
8
Dipsolder
-
-
ø 0.8
6
-
(*) Plating indication : See plating table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com