Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 94 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 94 Page - FCI connector

Back Button UTG11823P Datasheet HTML 90Page - FCI connector UTG11823P Datasheet HTML 91Page - FCI connector UTG11823P Datasheet HTML 92Page - FCI connector UTG11823P Datasheet HTML 93Page - FCI connector UTG11823P Datasheet HTML 94Page - FCI connector UTG11823P Datasheet HTML 95Page - FCI connector UTG11823P Datasheet HTML 96Page - FCI connector UTG11823P Datasheet HTML 97Page - FCI connector UTG11823P Datasheet HTML 98Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 101 page
background image
Crimptooling
96
Crimptooling for TRIM TRIO
contacts
The TRIM TRIO connection system not only offers versatility in
connectors but production versatility in tooling as well.
All information needed on tooling ranges from simple handtools for
small production, over semi-automatic to full automatic strip-and-
crimp machines can be found on the hereafter paragraphs.
All the TRIM TRIO tooling and this for machined, stamped and
formed and coax contacts, is specially designed for this system to
make reliable, trouble-free connections.
M10S1 - for machined contacts
A robust, versatile, full cycling handtool which is fully qualified to the
requirements of MIL-C-22520. Interchangeable 4-indent die sets are
available for a wide range of machined contacts and gives a
simultaneous crimp on both wire and insulation.
This tool is suitable for application of RM/RC machined
contacts and coaxial from the TRIM TRIO range.
Y16RCM - for machined contacts
A light weight, low cost crimptool with fixed, 3-groove die set to
crimp Size 16 TRIM TRIO RM/RC loose piece machined
contacts.
The tool is ratchet controlled to guarantee a complete crimp cycle.
Each crimptool is supplied with a locator to guarantee a perfect
crimp indent positioning.
MH860 - for machined contacts
A light weight crimptool Qualified to MIL-C-22520/7 that gives an 8
impression crimp with a precision cycle-controlled ratcheting
mechanism. It features an 8 step crimp-depth selector knob and is
designed to crimp Size 16 TRIM TRIO RM/RC loose piece
machined contacts. The tool can be provided with different
locators heads to crimp different contact types.
Weight:
425 gr.
Length:
250 mm.
Weight:
300 gr.
Length:
170 mm.
Weight:
400 gr.
Length:
205 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com