Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 79 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 79 Page - FCI connector

Back Button UTG11823P Datasheet HTML 75Page - FCI connector UTG11823P Datasheet HTML 76Page - FCI connector UTG11823P Datasheet HTML 77Page - FCI connector UTG11823P Datasheet HTML 78Page - FCI connector UTG11823P Datasheet HTML 79Page - FCI connector UTG11823P Datasheet HTML 80Page - FCI connector UTG11823P Datasheet HTML 81Page - FCI connector UTG11823P Datasheet HTML 82Page - FCI connector UTG11823P Datasheet HTML 83Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 101 page
background image
RM/RC - Machined contacts
81
How to order
–
–
K
K
(GE1)
(GE1)
23
23
M
M
16
16
(K) RM
(K) RC
Contact type:
RM:
Male contact bulk packing
RC:
Female contact bulk packing
KRM: Male contact on plastic carrier strip
KRC: Female contact on plastic carrier strip
AWG Size:
16, 20, 24, 28
Size 16:
.063” (1.6mm) Diameter contacts
Design variation:
Crimp barrel
Grounding contact:
Plating indication:
See plating table
Packing quantity:
No digit (std)
: 50 pcs. bulk packing (RM/RC)
: 2000 pcs on reel (KRM/KRC)
1000
: 1000 pcs bulk packing (RM/RC)
Size 16 solid machined
contacts for TRIM
TRIO connectors
Description
Size 16 RM/RC .063” (1.6mm) diameter
contacts are precision solid machined
crimp snap-in pin and sockets for heavy
duty top performance requirements.
Springs on both contacts are made of
spring-tempered, heat-treated, berylium
copper.
The socket inner spring supplies high
contact pressure to ensure low-resistance
contact between pin and socket. The
socket contact features closed entry to
prevent probe damage. Crimp barrels have
insulation grips for vibration support and
are provided with a cable stop and
inspection hole.
Features and benefits
• Made from high conductive copper alloy
with gold or tin over nickel plate finish.
• Heat-treated beryllium copper locking
springs assure proper locking and
alignment of contacts in the housing.
• Closed entry design on RC socket
contact to prevent probe damage.
• Special “RCS” contacts with large lead-in
design
• Contacts available in bulk packing
Performance characteristics
Current rating:
13 Amp
Contact resistance:
3 m
Ω
Contact retention in body:
110 N min.
Individual insertion force:
3.5 N max.
Individual withdrawal force: 0.55 N min.
Construction
Contact body: High conductive copper
alloy.
Outer spring: Tempered, heat-treated,
beryllium copper.
Inner spring socket: Tempered, heat-
treated, plated beryllium copper.
Plating table
K (std) = Min. 0.4 µ Gold all over,over
Nickel
T
= 3 - 5 µ Tin all over, over Nickel
D28
= Min. 0.75 µ Gold over Nickel
T3
= 7,5µ - 12,5 µ Tin all over
Connector accommodation
Any TRIM TRIO contact can be used in any
contact position in any connector in the
TRIM TRIO interconnection system.
• MS-M / MSG Rectangular connectors
• SMS Qikmate
• G - Bantamate
• UT-Bantam
• UTG Metalok bantam
• UTP Full plastic bantam
• UTGS Shielded bantam
• MBG Bantamate II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com