Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG11823P Datasheet(PDF) 87 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 87 Page - FCI connector

Back Button UTG11823P Datasheet HTML 83Page - FCI connector UTG11823P Datasheet HTML 84Page - FCI connector UTG11823P Datasheet HTML 85Page - FCI connector UTG11823P Datasheet HTML 86Page - FCI connector UTG11823P Datasheet HTML 87Page - FCI connector UTG11823P Datasheet HTML 88Page - FCI connector UTG11823P Datasheet HTML 89Page - FCI connector UTG11823P Datasheet HTML 90Page - FCI connector UTG11823P Datasheet HTML 91Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 101 page
background image
RMDX/RCDX
89
How to order
D28
D28
36
36
RMDX60
RCDX60
Contact type:
RMDX = Male subminiature coax.
RCDX = Female subminiature coax.
Monocrimp design variation
Plating indication
Size 16 monocrimp
coaxial contacts for
TRIM TRIO connectors
Description
Size 16 RMDX/RCDX Monocrimp .063”
(1.6mm) diameter contacts are one-piece
monocrimp subminiature coaxial contacts
to cover a wide range of subminiature
coaxial and twisted pair cables.
They provide cost effective solutions in
applications where a mix of signal, power
and coaxial cable terminations for low
frequency, shielded signal and high
frequency applications are needed.
Monocrimp one piece coaxial contacts offer
high reliability plus the economic advantage
of a 95% reduction in installation time over
conventional assembly methods currently in
use.
Features and benefits
• The monocrimp one-piece coaxial
contacts offer high reliability plus the
economic advantage of a 95% reduction
in installation time over conventional
assembly methods.
• This economy is achieved by
simultaneously crimping of both the inner
and outer conductor
Performance characteristics
Operating voltage between
inner / outer contact:
230 VDC
Test potential between
inner / outer contact
450 VAC 1 min.
Operating temperature:
-55°C to +
125°C
Contact retention in body: 65 N min.
Contact voltage drop a 1A: 30m V max.
Isolation at 30 MHZ:
140 db.
Construction
Inner and outer contacts: High conductive
copper alloy
Retaining spring: berylium copper
Insulating bushing: Polyamide 6.6
Plating table
Retaining spring: Nickel plated
Inner and outer contacts:
D28: 0.75µ Gold min. over Nickel
Connector accommodation
Any TRIM TRIO contact can be used in any
contact position in any connector in the
TRIM TRIO interconnection system.
• MS-M/MSG Rectangular connectors
• SMS Qikmate
• G - Bantamate
• UT-Bantam
• UTG Metalok bantam
• UTP Full plastic bantam
• UTGS Shielded bantam
• MBG Bantamate II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com