Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 26Page - Analog Devices AD9549ABCPZ Datasheet HTML 27Page - Analog Devices AD9549ABCPZ Datasheet HTML 28Page - Analog Devices AD9549ABCPZ Datasheet HTML 29Page - Analog Devices AD9549ABCPZ Datasheet HTML 30Page - Analog Devices AD9549ABCPZ Datasheet HTML 31Page - Analog Devices AD9549ABCPZ Datasheet HTML 32Page - Analog Devices AD9549ABCPZ Datasheet HTML 33Page - Analog Devices AD9549ABCPZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
AD9549
Rev. D | Page 30 of 76
4
3
2
1
RESET
FAILA & VALIDB & AUTOREFSEL & OVRDREFPIN
FAILB & VALIDA & AUTOREFSEL & OVRDREFPIN
REFB
&
HOLDOVER
REFA
&
HOLDOVER
REFB
&
HOLDOVER
REFA
&
HOLDOVER
FAI
LA
&
V
AL
IDB
&
AUT
O
RE
FS
EL
&
AUT
O
RCO
V &
O
VRDRE
FP
IN
&
O
VRDHL
DP
IN
FAI
LB
&
V
AL
IDA
&
AUT
O
RE
FS
EL
&
AUT
O
RCO
V &
O
VRDRE
FP
IN
&
O
VRDHL
DP
IN
REFA:
REFB:
HOLDOVER:
FAILA:
FAILB:
VALIDA:
VALIDB:
REFERENCE A SELECTED
REFERENCE B SELECTED
HOLDOVER STATE
REFERENCE A FAILED
REFERENCE B FAILED
REFERENCE A VALIDATED
REFERENCE B VALIDATED
OVRDREFPIN:
OVRDHLDPIN:
AUTOREFSEL:
AUTORCOV:
AUTOHOLD:
||:
&:
%:
OVERRIDE REF SEL PIN
OVERRIDE HOLDOVER PIN
AUTOMATIC REFERENCE SELECT
AUTOMATIC HOLDOVER RECOVERY
AUTOMATIC HOLDOVER ENTRY
LOGICAL OR
LOGICAL AND
LOGICAL NOT
ABBREVIATION KEY
Figure 37. Holdover State Diagram
Holdover and Reference Switchover State Machine
Figure 37 shows the interplay between the input reference
signals and holdover, as well as the various control signals
and the four states.
State 1 or State 2 is in effect when the device is not in the holdover
condition, and State 3 or State 4 is in effect when the holdover
condition is active. When REFA is selected as the active reference,
State 1 or State 3 is in effect. When REFB is selected as the active
reference, State 2 or State 4 is in effect. A transition between states
depends on the reference switchover and holdover control register
settings, the logic state of the REFSELECT and HOLDOVER
pins, and the occurrence of certain events (for example, a reference
failure).
The state machine and its relationship to control register and
external pin stimuli are shown in Figure 37. The state machine
generates a derived reference selection and holdover state. The
actual control signal sent to the reference switchover logic and
the holdover logic, however, depends on the control signals
applied to the muxes. The dashed path leading to the REFSELECT
and HOLDOVER pins is active when the automatic mode is
selected for reference selection and/or holdover assertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com