Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 34Page - Analog Devices AD9549ABCPZ Datasheet HTML 35Page - Analog Devices AD9549ABCPZ Datasheet HTML 36Page - Analog Devices AD9549ABCPZ Datasheet HTML 37Page - Analog Devices AD9549ABCPZ Datasheet HTML 38Page - Analog Devices AD9549ABCPZ Datasheet HTML 39Page - Analog Devices AD9549ABCPZ Datasheet HTML 40Page - Analog Devices AD9549ABCPZ Datasheet HTML 41Page - Analog Devices AD9549ABCPZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
AD9549
Rev. D | Page 38 of 76
The measurement error (ε) associated with the frequency
estimator depends on the choice of the measurement interval
parameter (K). These are related by
( )
1
1
floor
−
−
=
ρK
ρK
ε
With a specified fractional error (ε0), only those values of K
for which ε ≤ ε0 results in a frequency estimate that meets the
requirements. A plot of ε vs. K (for a given ρ) takes on the
general form that is shown in Figure 48.
ε BOUNDED
BY ENVELOPE
ε
ε
0
0
1
1
216
ε < ε
0 FOR
SOME K
(K0 < K < K1)
ε > ε
0 FOR
ALL K < K0
ε < ε
0 FOR
ALL K > K1
KLO
K0
KHI
K1
K
Figure 48. Frequency Estimator ε vs. K
An iterative technique is necessary to determine the exact values
of K0 and K1. However, a closed form exists for a conservative
estimate of K0 (KLOW) and K1 (KHIGH).


+
=
0
LOW
ε
ρ
K
1
1
1
ceil


+
=
0
HIGH
ε
ρ
K
1
1
2
ceil
As an example, consider the following system conditions:
fS = 400 MHz
R = 8
fREF_IN = 155.52 MHz
ε0 = 0.00005 (that is, 50 ppm)
These conditions yield KMAX = 3185, which is the largest K value
that can be programmed without causing the frequency estimator
counter to overflow. With K = KMAX, Tmeas = 163.84 μs, and ε =
30.2 ppm, KMAX generally (but not always) yields the smallest
value of ε, but this comes at the cost of the largest measurement
time (Tmeas).
If the measurement time must be reduced, then KHIGH can be used
instead of KMAX. This yields KHIGH = 1945, Tmeas = 100.05 μs, and
ε = 39.4 ppm.
The measurement time can be further reduced (though
marginally) by using K1 instead of KHIGH. K1 is found by solving
the ε ≤ ε0 inequality iteratively. To do so, start with K = KHIGH
and decrement K successively while evaluating the inequality
for each value of K. Stop the process the first time that the
inequality is no longer satisfied and add 1 to the value of K
thus obtained. The result is the value of K1. For the preceding
example, K1 = 1912, Tmeas = 98.35 μs, and ε = 39.8 ppm.
If a further reduction of the measurement time is necessary,
K0 can be used. K0 is found in a manner similar to K1. Start with
K = KLOW and increment K successively while evaluating the
inequality for each value of K. Stop the process the first time that
the inequality is satisfied. The result is the value of K0. For the
preceding example, K0 = 1005, Tmeas = 51.70 μs, and ε = 49.0 ppm.
If external frequency division exists between the DAC output
and the FDBK_IN pins, the frequency estimator should not be
used because it will calculate the wrong initial frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com