Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 45Page - Analog Devices AD9549ABCPZ Datasheet HTML 46Page - Analog Devices AD9549ABCPZ Datasheet HTML 47Page - Analog Devices AD9549ABCPZ Datasheet HTML 48Page - Analog Devices AD9549ABCPZ Datasheet HTML 49Page - Analog Devices AD9549ABCPZ Datasheet HTML 50Page - Analog Devices AD9549ABCPZ Datasheet HTML 51Page - Analog Devices AD9549ABCPZ Datasheet HTML 52Page - Analog Devices AD9549ABCPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
AD9549
Rev. D | Page 49 of 76
Addr
(Hex)
Type1
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
BIt 2
Bit 1
Bit 0
Default
(Hex)
0x0108
M
Loop
coefficients
Alpha-0, Bits[7:0]
0x00
0x0109
M
Alpha-0, Bits[11:8]
0x00
0x010A
M
Alpha-1, Bits[4:0]
0x00
0x010B
M
Alpha-2, Bits[2:0]
0x00
0x010C
M
Beta-0, Bits[7:0]
0x00
0x010D
M
Beta-0, Bits[11:8]
0x00
0x010E
M
Beta-1, Bits[2:0]
0x00
0x010F
M
Gamma-0, Bits[7:0]
0x00
0x0110
M
Gamma-0, Bits[11:8]
0x00
0x0111
M
Gamma-1, Bits[2:0]
0x00
0x0112
Reserved
0x00
0x0113
0x00
0x0114
0x00
0x0115
RO
FTW
estimate
FTW estimate, Bits[47:0]
(read only)
LSB: Register 0x0115
N/A
0x0116
RO
N/A
0x0117
RO
N/A
0x0118
RO
N/A
0x0119
RO
N/A
0x011A
RO
N/A
0x011B
M
FTW limits
FTW lower limit, Bits[47:0]
LSB: Register 0x011B
0x00
0x011C
M
0x00
0x011D
M
0x00
0x011E
M
0x00
0x011F
M
0x00
0x0120
M
0x00
0x0121
M
FTW upper limit, Bits[47:0]
LSB: Register 0x0121
0xFF
0x0122
M
0xFF
0x0123
M
0xFF
0x0124
M
0xFF
0x0125
M
0xFF
0x0126
M
0x7F
0x0127
M
Slew limit
Frequency slew limit, Bits[47:0]
LSB: Register 0x0127
0x00
0x0128
M
0x00
0x0129
M
0x00
0x012A
M
0x00
0x012B
M
0x00
0x012C
M
0x00
0x012D
Reserved
Reserved
0x012E
0x012F
0x0130
Free-run mode
0x01A0
Reserved
Reserved
0x01A1
0x01A2
0x01A3
0x01A4
0x01A5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com