Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 28Page - Analog Devices AD9549ABCPZ Datasheet HTML 29Page - Analog Devices AD9549ABCPZ Datasheet HTML 30Page - Analog Devices AD9549ABCPZ Datasheet HTML 31Page - Analog Devices AD9549ABCPZ Datasheet HTML 32Page - Analog Devices AD9549ABCPZ Datasheet HTML 33Page - Analog Devices AD9549ABCPZ Datasheet HTML 34Page - Analog Devices AD9549ABCPZ Datasheet HTML 35Page - Analog Devices AD9549ABCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
AD9549
Rev. D | Page 32 of 76
OUTPUT FREQUENCY RANGE CONTROL
Under normal operating conditions, the output frequency is
dynamically changing in response to the output of the digital
loop filter. The loop filter can steer the DDS to any frequency
between dc and fS/2 (with 48-bit resolution). However, the user
is given the option of placing limits on the tuning range of the
DDS via two 48-bit registers in the I/O register map: the FTW
upper limit and the FTW lower limit. If the tuning word input
exceeds the upper or lower frequency limit boundaries, the
tuning word is clipped to the appropriate value. The default
setting for these registers is fS/2 and dc, respectively. The
frequency word tuning limits should be used with caution
because they may make the digital loop unstable.
It may be desirable to limit the output range of the DDS to a
narrow band of frequencies (for example, to achieve better jitter
performance in conjunction with a band pass filter). See the Use
of Narrow-Band Filter for High Performance section for more
information about this feature.
DDS/DAC
LOOP
FILTER
PHASE
DETECTOR
REF IN
÷S
÷R
EXTERNAL
RECONSTRUCTION
FILTER
DDS/DAC
LOOP
FILTER
PHASE
DETECTOR
REF IN
÷S
÷R
EXTERNAL
RECONSTRUCTION
FILTER
FREQUENCY
LIMITER
LOW PASS
BAND PASS
Figure 38. Application of the Frequency Limiter
RECONSTRUCTION FILTER
The origin of the output clock signal produced by the AD9549 is
the combined DDS and DAC. The DAC output signal appears as
a sinusoid sampled at fS. The frequency of the sinusoid is deter-
mined by the frequency tuning word (FTW) that appears at the
input to the DDS. The DAC output is typically passed through
an external reconstruction filter that serves to remove the
artifacts of the sampling process and other spurs outside the
filter bandwidth. The signal is then brought back on-chip to
be converted to a square wave that is routed internally to the
output clock driver or the 2× DLL multiplier.
Because the DAC constitutes a sampled system, its output must
be filtered so that the analog waveform accurately represents the
digital samples supplied to the DAC input. The unfiltered DAC
output contains the desired baseband signal, which extends from
dc to the Nyquist frequency (fS/2). It also contains images of the
baseband signal that theoretically extend to infinity. Note that
the odd images (shown in Figure 39) are mirror images of the
baseband signal. Furthermore, the entire DAC output spectrum
is affected by a sin(x)/x response, which is caused by the sample-
and-hold nature of the DAC output signal.
The response of the reconstruction filter should preserve the
baseband signal (Image 0), while completely rejecting all other
images. However, a practical filter implementation typically
exhibits a relatively flat pass band that covers the desired output
frequency plus 20%, rolls off as steeply as possible, and then
maintains significant (though not complete) rejection of the
remaining images.
Because the DAC output signal serves as the feedback signal for
the digital PLL, the design of the reconstruction filter can have
a significant impact on the overall jitter performance. Hence,
good filter design and implementation techniques are important
for obtaining the best possible jitter results.
Use of Narrow-Band Filter for High Performance
A distinct advantage of the AD9549 architecture is its ability to
constrain the frequency output range of the DDS. This allows
the user to employ a narrow-band reconstruction filter instead
of the low-pass response shown in Figure 39, resulting in less
jitter on the output. For example, suppose that the nominal
output frequency of the DDS is 150 MHz. One might then
choose a 5 MHz narrow band filter centered at 150 MHz. By
using the AD9549's DDS frequency limiting feature, the user
can constrain the output frequency to 150 MHz ± 4.9 MHz
(which allows for a 100 kHz margin at the pass-band edges).
This ensures that a feedback signal is always present for the
digital PLL. Such a design is extremely difficult to implement
with conventional PLL architectures.
PRIMARY
SIGNAL
FILTER
RESPONSE
SIN(x)/x
ENVELOPE
SPURS
IMAGE 0
IMAGE 1
IMAGE 2
IMAGE 3
IMAGE 4
0
–20
–40
–60
–80
–100
MAGNITUDE
(dB)
fs/2
fs
3
fs/2
2
fs
5
fs/2
f
BASE BAND
Figure 39. DAC Spectrum vs. Reconstruction Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com