Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 8Page - Analog Devices AD9549ABCPZ Datasheet HTML 9Page - Analog Devices AD9549ABCPZ Datasheet HTML 10Page - Analog Devices AD9549ABCPZ Datasheet HTML 11Page - Analog Devices AD9549ABCPZ Datasheet HTML 12Page - Analog Devices AD9549ABCPZ Datasheet HTML 13Page - Analog Devices AD9549ABCPZ Datasheet HTML 14Page - Analog Devices AD9549ABCPZ Datasheet HTML 15Page - Analog Devices AD9549ABCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
AD9549
Rev. D | Page 12 of 76
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
60
I
3.3 V CMOS
IO_UPDATE
I/O Update. A logic transition from 0 to 1 on this pin transfers data from the I/O
port registers to the control registers (see the Write section). This pin has an
internal 50 kΩ pull-down resistor.
61
I
3.3 V CMOS
CSB
Chip Select. Active low. When programming a device, this pin must be held
low. In systems where more than one AD9549 is present, this pin enables
individual programming of each AD9549. This pin has an internal 100 kΩ pull-
up resistor.
62
O
3.3 V CMOS
SDO
Serial Data Output. When the device is in 3-wire mode, data is read on this pin.
There is no internal pull-up/pull-down resistor on this pin.
63
I/O
3.3 V CMOS
SDIO
Serial Data Input/Output. When the device is in 3-wire mode, data is written
via this pin. In 2-wire mode, data reads and writes both occur on this pin. There
is no internal pull-up/pull-down resistor on this pin.
64
I
3.3 V CMOS
SCLK
Serial Programming Clock. Data clock for serial programming. This pin has an
internal 50 kΩ pull-down resistor.
Exposed
Die Pad
O
GND
EPAD
Analog Ground. The exposed thermal pad on the bottom of the package pro-
vides the analog ground for the part. This exposed pad must be connected to
ground for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com