Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 52Page - Analog Devices AD9549ABCPZ Datasheet HTML 53Page - Analog Devices AD9549ABCPZ Datasheet HTML 54Page - Analog Devices AD9549ABCPZ Datasheet HTML 55Page - Analog Devices AD9549ABCPZ Datasheet HTML 56Page - Analog Devices AD9549ABCPZ Datasheet HTML 57Page - Analog Devices AD9549ABCPZ Datasheet HTML 58Page - Analog Devices AD9549ABCPZ Datasheet HTML 59Page - Analog Devices AD9549ABCPZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
AD9549
Rev. D | Page 56 of 76
Register 0x0104—S-Divider (DPLL Feedback Divider)
Table 27.
Bits
Bit Name
Description
[7:0]
S-divider
Feedback divider. Divide ratio = 1 − 65,536. If the desired feedback ratio is greater than 65,536, or if
the feedback signal on FDBK_IN is greater than 400 MHz, then Bit 0 of Register 0x0106 must be set.
Note that the actual S-divider is the value in this register plus 1, so to have an R-divider of 1,
Register 0x0104 and Register 0x0105 must both be 0x00. Register 0x0104 is the least significant byte.
Register 0x0105—S-Divider (DPLL Feedback Divider) (Continued)
Table 28.
Bits
Bit Name
Description
[15:8]
S-divider
Feedback divider. Divide ratio = 1 − 65,536. If the desired feedback ratio is greater than 65,536, or if
the feedback signal on FDBK_IN is greater than 400 MHz, then Bit 0 of Register 0x0106 must be set.
Note that the actual S-divider is the value in this register plus 1, so to have an R-divider of 1,
Register 0x0104 and Register 0x0105 must both be 0x00. Register 0x0104 is the least significant byte.
Register 0x0106—S-Divider (DPLL Feedback Divider) (Continued)
Table 29.
Bits
Bit Name
Description
7
Falling edge triggered
Setting this bit inverts the reference clock before S-divider.
[6:1]
Reserved
Reserved.
0
S-divider/2
Setting this bit enables an additional /2 prescaler. See the Feedback Divider (Divide-by-S) section.
If the desired feedback ratio is greater than 65,536, or if the feedback signal on FDBK_IN is greater
than 400 MHz, then this bit must be set. An example of this case is when the PLL is locking to an
image of the DAC output that is above the Nyquist frequency.
Register 0x0107—P-Divider
Table 30.
Bits
Bit Name
Description
[4:0]
P-divider
Divide ratio. Controls the ratio of DAC sample rate to loop filter sample rate. See the Digital Loop
Filter section. Loop filter sample rate = DAC sample rate/2^(divide ratio[4:0]). For the default case
of 1 GHz DAC sample rate, and P-divider[4:0] of 5, the loop filter sample rate is 31.25 MHz. Note that
the DAC sample rate is the same as system clock.
Register 0x0108—Loop Coefficients
See the Digital Loop Filter Coefficients section. Note that the AD9549 evaluation software derives these values.
Table 31.
Bits
Bit Name
Description
[7:0]
Alpha-0
Linear coefficient for alpha coefficient.
Register 0x0109—Loop Coefficients (Continued)
Table 32.
Bits
Bit Name
Description
[11:8]
Alpha-0
Linear coefficient for alpha coefficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com