Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 12Page - Analog Devices AD9549ABCPZ Datasheet HTML 13Page - Analog Devices AD9549ABCPZ Datasheet HTML 14Page - Analog Devices AD9549ABCPZ Datasheet HTML 15Page - Analog Devices AD9549ABCPZ Datasheet HTML 16Page - Analog Devices AD9549ABCPZ Datasheet HTML 17Page - Analog Devices AD9549ABCPZ Datasheet HTML 18Page - Analog Devices AD9549ABCPZ Datasheet HTML 19Page - Analog Devices AD9549ABCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
AD9549
Rev. D | Page 16 of 76
INPUT/OUTPUT TERMINATION RECOMMENDATIONS
DOWNSTREAM
DEVICE
(HIGH-Z)
AD9549
1.8V
HSTL
OUTPUT
100
Ω
0.01µF
0.01µF
Figure 18. AC-Coupled HSTL Output Driver
DOWNSTREAM
DEVICE
(HIGH-Z)
AD9549
1.8V
HSTL
OUTPUT
50
Ω
50
Ω
AVDD/2
Figure 19. DC-Coupled HSTL Output Driver
AD9549
SELF-BIASING
REF INPUT
0.01µF
0.01µF
100
Ω
(OPTIONAL)
Figure 20. Reference Input
AD9549
SELF-BIASING
FDBK INPUT
0.1µF
0.1µF
100
Ω
(OPTIONAL)
Figure 21. FDBK_IN Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com