Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 13Page - Analog Devices AD9549ABCPZ Datasheet HTML 14Page - Analog Devices AD9549ABCPZ Datasheet HTML 15Page - Analog Devices AD9549ABCPZ Datasheet HTML 16Page - Analog Devices AD9549ABCPZ Datasheet HTML 17Page - Analog Devices AD9549ABCPZ Datasheet HTML 18Page - Analog Devices AD9549ABCPZ Datasheet HTML 19Page - Analog Devices AD9549ABCPZ Datasheet HTML 20Page - Analog Devices AD9549ABCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
AD9549
Rev. D | Page 17 of 76
THEORY OF OPERATION
DDS/DAC
FREQUENCY
TUNING
WORD
SLEW
LIMIT
PROG.
DIGITAL
LOOP
FILTER
PFD
÷R
FREQ
EST.
÷S
LOCK DETECT
2×
DIGITAL PLL CORE
HOLDOVER
CONTROL
LOGIC
LOW NOISE
CLOCK
MULTIPLIER
SYSCLK PORT
INPUT
REF
MONITOR
IRQ AND
STATUS
LOGIC
OOL AND LOR
REF_CNTRL
EXTERNAL
ANALOG
LOW-PASS
FILTER
DIGITAL
INTERFACE
HOLDOVER
SYSCLK
FDBK_IN
DAC_OUT
OUT
OUT_CMOS
S1 TO S4
REFB_IN
REFA_IN
REFSELECT
AMP
Figure 22. Detailed Block Diagram
OVERVIEW
The AD9549 provides a clocking output that is directly related
in phase and frequency to the selected (active) reference (REFA
or REFB) but has a phase noise spectrum primarily governed
by the system clock. A wide band of reference frequencies is
supported. Jitter existing on the active reference is greatly reduced
by a programmable digital filter in the digital phase-locked loop
(PLL), which is the core of this product. The AD9549 supports
both manual and automatic holdover. While in holdover, the
AD9549 continues to provide an output as long as the system
clock is maintained. The frequency of the output during hold-
over is an average of the steady state output frequency prior to
holdover.
Also offered are manual and automatic switchover modes for
changing between the two references, should one become suspect
or lost. A digitally controlled oscillator (DCO) is implemented
using a direct digital synthesizer (DDS) with an integrated output
digital-to-analog converter (DAC), clocked by the system clock.
A bypassable PLL-based frequency multiplier is present, enabling
use of an inexpensive, low frequency source for the system clock.
For best jitter performance, the system clock PLL should be
bypassed; and a low noise, high frequency system clock should be
provided directly. Sampling theory sets an upper bound for the
DDS output frequency at 50%
of fS (where fS is the DAC sample rate), but a practical limitation
of 40% of fS is generally recommended to allow for the selectivity
of the required off-chip reconstruction filter. The output signal
from the reconstruction filter is fed back to the AD9549, both
to complete the PLL and to be processed through the output
circuitry. The output circuitry includes HSTL and CMOS output
buffers, as well as a frequency doubler for designs that must
provide frequencies above the Nyquist level of the DDS.
The individual functional blocks are described in the following
sections.
DIGITAL PLL CORE (DPLLC)
The digital phase-locked loop core (DPLLC) includes the
frequency estimation block and the digital phase lock control
block driving the DDS.
The start of the DPLLC signal chain is the reference signal, fR,
which appears on REFA or REFB inputs. The frequency of this
signal can be divided by an integer factor of R via the feedforward
divider. The output of the feedforward divider is routed to the
phase/frequency detector (PFD). Therefore, the frequency at
the input to the PFD is given by
R
f
f
R
PFD =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com