Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9549ABCPZ Datasheet HTML 1Page - Analog Devices AD9549ABCPZ Datasheet HTML 2Page - Analog Devices AD9549ABCPZ Datasheet HTML 3Page - Analog Devices AD9549ABCPZ Datasheet HTML 4Page - Analog Devices AD9549ABCPZ Datasheet HTML 5Page - Analog Devices AD9549ABCPZ Datasheet HTML 6Page - Analog Devices AD9549ABCPZ Datasheet HTML 7Page - Analog Devices AD9549ABCPZ Datasheet HTML 8Page - Analog Devices AD9549ABCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
AD9549
Rev. D | Page 5 of 76
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SYSTEM CLOCK INPUT
System clock inputs should always be ac-
coupled (both single-ended and differential)
SYSCLK PLL Bypassed
Input Capacitance
1.5
pF
Single-ended, each pin
Input Resistance
2.4
2.6
2.8
kΩ
Differential
Internally Generated DC Bias Voltage2
0.93
1.17
1.38
V
Differential Input Voltage Swing3
632
mV p-p
0 dBm into 50 Ω
SYSCLK PLL Enabled
Input Capacitance
3
pF
Single-ended, each pin
Input Resistance
2.4
2.6
2.8
kΩ
Differential
Internally Generated DC Bias Voltage2
0.93
1.17
1.38
V
Differential Input Voltage Swing3
632
mV p-p
0 dBm into 50 Ω
Crystal Resonator with SYSCLK PLL Enabled
Motional Resistance
9
100
Ω
25 MHz, 3.2 mm × 2.5 mm AT cut
CLOCK OUTPUT DRIVERS
HSTL Output Driver
Differential Output Voltage Swing
1080
1280
1480
mV
Output driver static; see
Figure 12 for output
swing vs. frequency
Common-Mode Output Voltage2
0.7
0.88
1.06
V
CMOS Output Driver
Output driver static; see
Figure 13 and
Figure 14 for output swing vs. frequency
Output Voltage High (VOH)
2.7
V
IOH = 1 mA, (Pin 37) = 3.3 V
Output Voltage Low (VOL)
0.4
V
IOL = 1 mA, (Pin 37) = 3.3 V
Output Voltage High (VOH)
1.4
V
IOH = 1 mA, (Pin 37) = 1.8 V
Output Voltage Low (VOL)
0.4
V
IOL = 1 mA, (Pin 37) = 1.8 V
TOTAL POWER DISSIPATION
All Blocks Running4
1060
1310
mW
Worst case over supply, temperature, process
Power-Down Mode
24
70
mW
Using either the power-down and enable
register (Register 0x0010) or the PWRDOWN pin
Digital Power-Down Mode
565
713
mW
Default with SYSCLK PLL Enabled
955
mW
After reset or power-up with fS = 1 GHz,
S4 = 0, S1 to S3 = 1, fSYSCLK = 25 MHz
Default with SYSCLK PLL Disabled
945
1115
mW
After reset or power-up with fS = 1 GHz,
S1 to S4 = 1
With REFA or REFB Power-Down
1105
mW
One reference still powered up
With HSTL Clock Driver Power-Down
1095
mW
With CMOS Clock Driver Power-Down
1107
mW
1 Must be
≤0 V relative to AVDD3 (Pin 14) and ≥0 V relative to AVSS (Pin 33, Pin 43).
2 Relative to AVSS (Pin 33, Pin 43).
3 Must be
≤0 V relative to AVDD (Pin 36) and ≥0 V relative to AVSS (Pin 33, Pin 43).
4 Typical measurement done with only REFA and HSTL output doubler turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com