Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 4Page - Analog Devices AD9549ABCPZ Datasheet HTML 5Page - Analog Devices AD9549ABCPZ Datasheet HTML 6Page - Analog Devices AD9549ABCPZ Datasheet HTML 7Page - Analog Devices AD9549ABCPZ Datasheet HTML 8Page - Analog Devices AD9549ABCPZ Datasheet HTML 9Page - Analog Devices AD9549ABCPZ Datasheet HTML 10Page - Analog Devices AD9549ABCPZ Datasheet HTML 11Page - Analog Devices AD9549ABCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
AD9549
Rev. D | Page 8 of 76
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOCK DETECTION
Phase Lock Detector
Time Threshold Programming Range
0
2097
μs
FPFD_gain = 200
Time Threshold Resolution
0.488
ps
FPFD_gain = 200
Lock Time Programming Range
32 × 10−9
275
sec
In power-of-2 steps
Unlock Time Programming Range
192 ×
10−9
67 × 10−3
sec
In power-of-2 steps
Frequency Lock Detector
Normalized Frequency Threshold
Programming Range
0
0.0021
FPFD_gain = 200; normalized to (fREF/R)2; see the
Frequency Lock Detection section for details
Normalized Frequency Threshold
Programming Resolution
5 ×
10−13
FPFD_gain = 200; normalized to (fREF/R)2; see the
Frequency Lock Detection section for details
Lock Time Programming Range
32 × 10−9
275
sec
In power-of-2 steps
Unlock Time Programming Range
192 ×
10−9
67 × 10−3
sec
In power-of-2 steps
DIGITAL TIMING SPECIFICATIONS
Time Required to Enter Power-Down
15
µs
Time Required to Leave Power-Down
18
µs
Reset Assert to High-Z Time
for S1 to S4 Configuration Pins
60
ns
Time from rising edge of RESET to high-Z on the S1,
S2, S3, and S4 configuration pins
Reset Deassert to Low-Z Time
for S1 to S4 Configuration Pins
30
ns
Time from falling edge of RESET to low-Z on the S1, S2,
S3, and S4 configuration pins
SERIAL PORT TIMING SPECIFICATIONS
SCLK Clock Rate (1/tCLK )
25
50
MHz
Refer to
Figure 58 for all write-related serial port
parameters, maximum SCLK rate for readback is
governed by tDV
SCLK Pulse Width High, tHIGH
8
ns
SCLK Pulse Width Low, tLOW
8
ns
SDO/SDIO to SCLK Setup Time, tDS
1.93
ns
SDO/SDIO to SCLK Hold Time, tDH
1.9
ns
SCLK Falling Edge to Valid Data on
SDIO/SDO, tDV
11
ns
Refer to
Figure 56
CSB to SCLK Setup Time, tS
1.34
ns
CSB to SCLK Hold Time, tH
−0.4
ns
CSB Minimum Pulse Width High, tPWH
3
ns
IO_UPDATE Pin Setup Time
from SCLK Rising Edge of the Final Bit
tCLK
sec
tCLK = period of SCLK in Hz
IO_UPDATE Pin Hold Time
tCLK
sec
tCLK = period of SCLK in Hz
PROPAGATION DELAY
FDBK_IN to HSTL Output Driver
2.8
ns
FDBK_IN to HSTL Output Driver with 2×
Frequency Multiplier Enabled
7.3
ns
FDBK_IN to CMOS Output Driver
8.0
ns
FDBK_IN Through S-Divider to CMOS
Output Driver
8.6
ns
Frequency Tuning Word Update,
IO_UPDATE Pin Rising Edge to DAC
Output
60/fs
ns
fs = system clock frequency in GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com