Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 59Page - Analog Devices AD9549ABCPZ Datasheet HTML 60Page - Analog Devices AD9549ABCPZ Datasheet HTML 61Page - Analog Devices AD9549ABCPZ Datasheet HTML 62Page - Analog Devices AD9549ABCPZ Datasheet HTML 63Page - Analog Devices AD9549ABCPZ Datasheet HTML 64Page - Analog Devices AD9549ABCPZ Datasheet HTML 65Page - Analog Devices AD9549ABCPZ Datasheet HTML 66Page - Analog Devices AD9549ABCPZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
AD9549
Rev. D | Page 63 of 76
Register 0x01C3—Reference Validation
Table 71.
Bits
Bit Name
Description
[7:5]
Reserved
Reserved.
[4:0]
Validation timer
The value in this register sets the time required to validate a reference after an LOR or OOL event
before the reference can be used as the DPLL reference. This circuit uses the digital loop filter clock
(see Register 0x0107). Validation time = loop filter clock period × 2(ValidationTimer [4:0] +1) − 1. Assuming
power-on defaults, the recovery time varies from 32 ns (00000) to 137 sec (11111). If longer valida-tion
times are required, the user can make the P-divider larger. The user should be careful to set the
validation timer to at least two periods of the OOL evaluation period. The OOL evaluation period is the
period of reference input clock times the OOL divider (Register 0x0322 to Register 0x0323).
DOUBLER AND OUTPUT DRIVERS (REGISTER 0x0200 TO REGISTER 0x0201)
Register 0x0200—HSTL Driver
Table 72.
Bits
Bit Name
Description
4
OPOL
Output polarity. Setting this bit inverts the HSTL driver output polarity.
[3:2]
Reserved
Reserved.
[1:0]
HSTL output doubler
HSTL output doubler.
01 = doubler disabled.
10 = doubler enabled. When using doubler, Register 0x0010[5] must also be set.
Register 0x0201—CMOS Driver
Table 73.
Bits
Bit Name
Description
0
CMOS mux
User mux control. This bit allows the user to select whether the CMOS driver output is divided by the
S-divider.
0 = S-divider input sent to CMOS driver.
1 = S-divider output sent to CMOS driver. See Figure 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com