Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 48Page - Analog Devices AD9549ABCPZ Datasheet HTML 49Page - Analog Devices AD9549ABCPZ Datasheet HTML 50Page - Analog Devices AD9549ABCPZ Datasheet HTML 51Page - Analog Devices AD9549ABCPZ Datasheet HTML 52Page - Analog Devices AD9549ABCPZ Datasheet HTML 53Page - Analog Devices AD9549ABCPZ Datasheet HTML 54Page - Analog Devices AD9549ABCPZ Datasheet HTML 55Page - Analog Devices AD9549ABCPZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
AD9549
Rev. D | Page 52 of 76
Addr
(Hex)
Type1
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
BIt 2
Bit 1
Bit 0
Default
(Hex)
Calibration (user-accessible trim)
0x0400
K-divider
K-divider, Bits[15:0]
0x01
0x0401
0x00
0x0402
M
CPFD gain
CPFD gain scale, Bits[2:0]
0x00
0x0403
M
CPFD gain, Bits[5:0]
0x20
0x0404
FPFD gain
FPFD gain, Bits[7:0]
0xC8
0x0405
Reserved
Reserved
0x0406
RO
Part
version
Part
version
Part
version
Reserved
0x00 or
0x40
0x0407
Reserved
Reserved
0x0408
0x0409
M
PFD offset
DPLL phase offset, Bits[7:0]
0x00
0x040A
M
DPLL phase offset, Bits[13:8]
0x00
0x040B
DAC
full-scale
current
DAC full-scale current, Bits[7:0]
0xFF
0x040C
DAC full-scale current,
Bits[9:8]
0x01
0x040D
Reserved
Reserved
0x040E
Reserved
Reserved
0x10
0x040F
Reference
bias level
DC input level, Bits[1:0]
0x00
0x0410
Reserved
Reserved
Harmonic spur reduction
0x0500
M
Spur A
HSR-A
enable
Amplitude
gain × 2
Reserved
Spur A harmonic, Bits[3:0]
0x00
0x0501
M
Spur A magnitude, Bits[7:0]
0x00
0x0502
M
0x00
0x0503
M
Spur A phase, Bits[7:0]
0x00
0x0504
M
Spur A
phase,
Bit 8
0x00
0x0505
M
Spur B
HSR-B
enable
Amplitude
gain × 2
Reserved
Spur B harmonic[3:0]
0x00
0x0506
M
Spur B magnitude, Bits[7:0]
0x00
0x0507
M
0x00
0x0508
M
Spur B phase, Bits[7:0]
0x00
0x0509
M
Spur B
phase,
Bit 8
0x00
1 Types of registers: RO = read-only, AC = autoclear, M = mirrored (also called buffered). A mirrored register needs an I/O update for the new value to take effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com