Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 49Page - Analog Devices AD9549ABCPZ Datasheet HTML 50Page - Analog Devices AD9549ABCPZ Datasheet HTML 51Page - Analog Devices AD9549ABCPZ Datasheet HTML 52Page - Analog Devices AD9549ABCPZ Datasheet HTML 53Page - Analog Devices AD9549ABCPZ Datasheet HTML 54Page - Analog Devices AD9549ABCPZ Datasheet HTML 55Page - Analog Devices AD9549ABCPZ Datasheet HTML 56Page - Analog Devices AD9549ABCPZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
AD9549
Rev. D | Page 53 of 76
I/O REGISTER DESCRIPTIONS
SERIAL PORT CONFIGURATION (REGISTER 0x0000 TO REGISTER 0x0005)
Register 0x0000—Serial Configuration
Table 14.
Bits
Bit Name
Description
[7:4]
These bits are the mirror image of Bits[3:0].
3
Long instruction
Read-only. The AD9549 supports only long instructions.
2
Soft reset
Resets register map, except for Register 0x0000. Setting this bit forces a soft reset, meaning that S1 to S4
are not tristated, nor is their state read when this bit is cleared. The AD9549 assumes the values of S1 to S4
that were present during the last hard reset. This bit is not self-clearing, and all other registers are restored
to their default values after a soft reset.
1
LSB first
Sets bit order for serial port.
1 = LSB first.
0 = MSB first. I/O update must occur for MSB first to take effect.
0
SDO active
Enables SDO pin.
1 = SDO pin enabled (4-wire serial port mode).
0 = 3-wire mode.
Register 0x0001—Reserved
Register 0x0002 and Register 0x0003—Part ID (Read Only)
Register 0x0004—Serial Options
Table 15.
Bits
Bit Name
Description
0
Read buffer register
For buffered registers, serial port readback reads from actual (active) registers instead of the buffer.
1 = reads the buffered values that take effect during the next I/O update.
0 = reads values that are currently in effect.
Register 0x0005—Serial Options (Self-Clearing)
Table 16.
Bits
Bit Name
Description
0
Register update
Software access to the register update pin function. Writing a 1 to this bit is identical to performing an I/O
update.
POWER-DOWN AND RESET (REGISTER 0x0010 TO REGISTER 0x0013)
Register 0x0010—Power-Down and Enable
Power-up default is defined by the startup pins.
Table 17.
Bits
Bit Name
Description
7
PD HSTL driver
Power down HSTL output driver.
1 = HSTL driver powered down.
6
Enable CMOS driver
Power up CMOS output driver.
1 = CMOS driver on.
5
Enable output doubler
Power up output clock generator doubler. Output doubler must still be enabled in Register 0200.
4
PD SYSCLK PLL
System clock multiplier power-down.
1 = system clock multiplier powered down.
3
PD REFA
Power-down reference clock A input (and related circuits).
2
PD REFB
Power-down reference clock B input (and related circuits).
1
Full PD
Setting this bit is identical to activating the PD pin and puts all blocks (except serial port) into power-down
mode. SYSCLK is turned off.
0
Digital PD
Remove clock from most of digital section; leave serial port usable. In contrast to full PD, setting this bit
does not debias inputs, allowing for quick wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com