Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 70 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 66Page - Analog Devices AD9549ABCPZ Datasheet HTML 67Page - Analog Devices AD9549ABCPZ Datasheet HTML 68Page - Analog Devices AD9549ABCPZ Datasheet HTML 69Page - Analog Devices AD9549ABCPZ Datasheet HTML 70Page - Analog Devices AD9549ABCPZ Datasheet HTML 71Page - Analog Devices AD9549ABCPZ Datasheet HTML 72Page - Analog Devices AD9549ABCPZ Datasheet HTML 73Page - Analog Devices AD9549ABCPZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 76 page
background image
AD9549
Rev. D | Page 70 of 76
Register 0x0332—Reference OOL (Continued)
Table 118.
Bits
Bit Name
Description
[7:0]
REFB OOL lower limit
See the Reference Frequency Monitor section.
Register 0x0333—Reference OOL (Continued)
Table 119.
Bits
Bit Name
Description
[15:8]
REFB OOL lower limit
See the Reference Frequency Monitor section.
Register 0x0334—Reference OOL (Continued)
Table 120.
Bits
Bit Name
Description
[23:16]
REFB OOL lower limit
See the Reference Frequency Monitor section.
Register 0x0335—Reference OOL (Continued)
Table 121.
Bits
Bit Name
Description
[31:24]
REFB OOL lower limit
See the Reference Frequency Monitor section.
CALIBRATION (USER-ACCESSIBLE TRIM) (REGISTER 0x0400 TO REGISTER 0x0410)
Register 0x0400—K-Divider
Table 122.
Bits
Bit Name
Description
[7:0]
K-divider
The K-divider alters precision of frequency estimator circuit. See the Frequency Estimator section.
Register 0x0401—K-Divider (Continued)
Table 123.
Bits
Bit Name
Description
[15:8]
K-divider
The K-divider alters precision of frequency estimator circuit. See the Frequency Estimator section.
Register 0x0402—CPFD Gain
Table 124.
Bits
Bit Name
Description
[2:0]
CPFD gain scale
This register is the coarse phase frequency power-of-2 multiplier (PDS). See the Phase Detector section. Note
that the correct value for this register is calculated by filter design software provided with the evaluation board.
Register 0x0403—CPFD Gain (Continued)
Table 125.
Bits
Bit Name
Description
[5:0]
CPFD gain
This register is the coarse phase frequency linear multiplier (PDG). See the Phase Detector section. Note
that the correct value for this register is calculated by filter design software provided with the evaluation board.
Register 0x0404—FPFD Gain
Table 126.
Bits
Bit Name
Description
[7:0]
FPFD gain
This register is the fine phase frequency detector linear multiplier (alters charge pump current). See the
Fine Phase Detector section. Note that the correct value for this register is calculated by filter design software
provided with the evaluation board.
Register 0x0405—Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com