Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 3Page - Analog Devices AD9549ABCPZ Datasheet HTML 4Page - Analog Devices AD9549ABCPZ Datasheet HTML 5Page - Analog Devices AD9549ABCPZ Datasheet HTML 6Page - Analog Devices AD9549ABCPZ Datasheet HTML 7Page - Analog Devices AD9549ABCPZ Datasheet HTML 8Page - Analog Devices AD9549ABCPZ Datasheet HTML 9Page - Analog Devices AD9549ABCPZ Datasheet HTML 10Page - Analog Devices AD9549ABCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
AD9549
Rev. D | Page 7 of 76
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CMOS Output Driver
(AVDD3/Pin 37) @ 3.3 V
Frequency Range
0.008
150
MHz
See
Figure 14 for maximum toggle rate
Duty Cycle
45
55
65
%
With 20 pF load and up to 150 MHz
Rise Time/Fall Time (20-80%)
3
4.6
ns
With 20 pF load
CMOS Output Driver
(AVDD3/Pin 37) @ 1.8 V
Frequency Range
0.008
40
MHz
See
Figure 13 for maximum toggle rate
Duty Cycle
45
55
65
%
With 20 pF load and up to 40 MHz
Rise Time/Fall Time (20% to 80%)
5
6.8
ns
With 20 pF load
HOLDOVER
Frequency Accuracy
See the
Holdover section
OUTPUT FREQUENCY SLEW LIMITER
Slew Rate Resolution
0.54
111
Hz/sec
P = 216 for minimum; P = 25 for maximum
Slew Rate Range
0
3 × 1016
Hz/sec
P = 216 for minimum; P = 25 for maximum
REFERENCE MONITORS
Loss of Reference Monitor
Operating Frequency Range
7.63 × 103
167 × 106
Hz
Minimum Frequency Error for
Continuous REF Present Indication
−16
ppm
fREF = 8 kHz
Minimum Frequency Error for
Continuous REF Present Indication
−19
%
fREF = 155 MHz
Maximum Frequency Error for
Continuous REF Lost Indication
−32
ppm
fREF = 8 kHz
Maximum Frequency Error for
Continuous REF Lost Indication
−35
%
fREF = 155 MHz
Reference Quality Monitor
Operating Frequency Range
0.008
150
MHz
Frequency Resolution (Normalized)
0.2
ppm
fREF = 8 kHz; OOL divider = 65,535 for minimum; OOL
divider = 1 for max (see the
Reference Frequency
Monitor section)
Frequency Resolution (Normalized)
408
ppm
fREF = 155 MHz; OOL divider = 65,535 for minimum;
OOL divider = 1 for maximum
Validation Timer
See the
Reference Validation Timers section
Timing Range
32 × 10−9
137
sec
PIO = 5
Timing Range
65 × 10−6
2.8 × 105
sec
PIO = 16
DAC OUTPUT CHARACTERISTICS
DCO Frequency Range (1st Nyquist Zone)
10
450
MHz
DPLL loop bandwidth sets lower limit
Output Resistance
50
Single-ended (each pin internally terminated to AVSS)
Output Capacitance
5
pF
Full-Scale Output Current
20
31.7
mA
Range depends on DAC RSET resistor
Gain Error
−10
+10
% FS
Output Offset
0.6
μA
Voltage Compliance Range
AVSS −
0.50
+0.5
AVSS +
0.50
Outputs not dc-shorted to VSS
DIGITAL PLL
Minimum Open-Loop Bandwidth
0.1
Hz
Dependent on the frequency of REFA/REFB, the DAC
sample rate, and the P-, R-, and S-divider values
Maximum Open-Loop Bandwidth
100
kHz
Dependent on the frequency of REFA/REFB, the DAC
sample rate, and the P-, R-, and S-divider values
Minimum Phase Margin
0
10
Degrees
Dependent on the frequency of REFA/REFB, the DAC
sample rate, and the P-, R-, and S-divider values
Maximum Phase Margin
85
90
Degrees
Dependent on the frequency of REFA/REFB, the DAC
sample rate, and the P-, R-, and S-divider values
PFD Input Frequency Range
~0.008
~24.5
MHz
Feedforward Divider Ratio
1
131,070
1, 2, …, 65,535 or 2, 4, …, 131,070
Feedback Divider Ratio
1
131,070
1, 2, …, 65,535 or 2, 4, …, 131,070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com