Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 40Page - Analog Devices AD9549ABCPZ Datasheet HTML 41Page - Analog Devices AD9549ABCPZ Datasheet HTML 42Page - Analog Devices AD9549ABCPZ Datasheet HTML 43Page - Analog Devices AD9549ABCPZ Datasheet HTML 44Page - Analog Devices AD9549ABCPZ Datasheet HTML 45Page - Analog Devices AD9549ABCPZ Datasheet HTML 46Page - Analog Devices AD9549ABCPZ Datasheet HTML 47Page - Analog Devices AD9549ABCPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
AD9549
Rev. D | Page 44 of 76
SERIAL CONTROL PORT
The AD9549 serial control port is a flexible, synchronous, serial
communications port that allows an easy interface with many
industry-standard microcontrollers and microprocessors. Single
or multiple byte transfers are supported, as well as MSB first or
LSB first transfer formats. The AD9549 serial control port can
be configured for a single bidirectional I/O pin (SDIO only) or
for two unidirectional I/O pins (SDIO/SDO).
Note that many serial port operations (such as the frequency
tuning word update) depend on presence of the DAC system clock.
SERIAL CONTROL PORT PIN DESCRIPTIONS
SCLK (serial clock) is the serial shift clock. This pin is an input.
SCLK is used to synchronize serial control port reads and writes.
Write data bits are registered on the rising edge of this clock,
and read data bits are registered on the falling edge. This pin is
internally pulled down by a 30 kΩ resistor to ground.
The SDIO pin (serial data input/output) is a dual-purpose pin
that acts as input only or as input/output. The AD9549 defaults
to bidirectional pins for I/O. Alternatively, SDIO can be used
as a unidirectional I/O pin by writing to the SDO active bit
(Register 0x0000, Bit 0 = 1). In this case, SDIO is the input, and
SDO is the output.
The SDO (serial data out) pin is used only in the unidirectional
I/O mode (Register 0x0000, Bit 0 = 1) as a separate output pin for
reading back data. Bidirectional I/O mode (using SDIO as both
input and output) is active by default (the SDO active bit in
Register 0x0000, Bit 0 = 0).
The CSB (chip select bar) pin is an active low control that gates
the read and write cycles. When CSB is high, SDO and SDIO
are in a high impedance state. This pin is internally pulled up by
a 100 kΩ resistor to 3.3 V. It should not be left floating. See the
Operation of Serial Control Port section on the use of the CSB
pin in a communication cycle.
AD9549
SERIAL
CONTROL
PORT
SCLK (PIN 64)
SDIO (PIN 63)
SDO (PIN 62)
CSB (PIN 61)
Figure 51. Serial Control Port
OPERATION OF SERIAL CONTROL PORT
Framing a Communication Cycle with CSB
A communication cycle (a write or a read operation) is gated by
the CSB line. CSB must be brought low to initiate a communica-
tion cycle.
CSB stall high is supported in modes where three or fewer bytes
of data (plus instruction data) are transferred ([W1:W0] must
be set to 00, 01, or 10; see Table 10). In these modes, CSB can
temporarily return high on any byte boundary, allowing time
for the system controller to process the next byte. CSB can go
high on byte boundaries only and can go high during either
part (instruction or data) of the transfer. During this period, the
serial control port state machine enters a wait state until all data
has been sent. If the system controller decides to abort the transfer
before all of the data is sent, the state machine must be reset by
either completing the remaining transfer or by returning the CSB
low for at least one complete SCLK cycle (but fewer than eight
SCLK cycles). Raising the CSB on a non-byte boundary terminates
the serial transfer and flushes the buffer.
In the streaming mode ([W1:W0] = 11), any number of data
bytes can be transferred in a continuous stream. The register
address is automatically incremented or decremented (see the
MSB/LSB First Transfers section). CSB must be raised at the end
of the last byte to be transferred, thereby ending the stream
mode.
Communication Cycle—Instruction Plus Data
There are two parts to a communication cycle with the AD9549.
The first part writes a 16-bit instruction word into the AD9549,
coincident with the first 16 SCLK rising edges. The instruction
word provides the AD9549 serial control port with information
regarding the data transfer, which is the second part of the commu-
nication cycle. The instruction word defines whether the upcoming
data transfer is a read or a write, the number of bytes in the data
transfer, and the starting register address for the first byte of the
data transfer.
Write
If the instruction word is for a write operation (I15 = 0), the
second part is the transfer of data into the serial control port
buffer of the AD9549. The length of the transfer (1, 2, 3 bytes,
or streaming mode) is indicated by two bits ([W1:W0]) in the
instruction byte. The length of the transfer indicated by [W1:W0]
does not include the 2-byte instruction. CSB can be raised after
each sequence of eight bits to stall the bus (except after the last
byte, where it ends the cycle). When the bus is stalled, the serial
transfer resumes when CSB is lowered. Stalling on nonbyte
boundaries resets the serial control port.
There are three types of registers on the AD9549: buffered, live,
and read-only. Buffered (also referred to as mirrored) registers
require an I/O update to transfer the new values from a temporary
buffer on the chip to the actual register and are marked with an M
in the Type column of the register map. Toggling the IO_UPDATE
pin or writing a 1 to the register update bit (Register 0x0005, Bit 0)
causes the update to occur. Because any number of bytes of data
can be changed before issuing an update command, the update
simultaneously enables all register changes occurring since any
previous update. Live registers do not require I/O update and
update immediately after being written. Read-only registers
ignore write commands and are marked RO in the Type column
of the register map. An AC in this column indicates that the
register is autoclearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com