Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 32Page - Analog Devices AD9549ABCPZ Datasheet HTML 33Page - Analog Devices AD9549ABCPZ Datasheet HTML 34Page - Analog Devices AD9549ABCPZ Datasheet HTML 35Page - Analog Devices AD9549ABCPZ Datasheet HTML 36Page - Analog Devices AD9549ABCPZ Datasheet HTML 37Page - Analog Devices AD9549ABCPZ Datasheet HTML 38Page - Analog Devices AD9549ABCPZ Datasheet HTML 39Page - Analog Devices AD9549ABCPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
AD9549
Rev. D | Page 36 of 76
0
1
1
0
14
14
19
19
Q
D
48
14
DAC
(14-BIT)
I-SET
DDS+
DDS–
4
9
4
9
8
8
SHIFT
1
0
SHIFT
HEADROOM
CORRECTION
HARMONIC SPUR CANCELLATION
CH1 HARMONIC NUMBER
CH1 CANCELLATION PHASE OFFSET
CH2 HARMONIC NUMBER
CH2 CANCELLATION PHASE OFFSET
CH1 CANCELLATION MAGNITUDE
CH2 CANCELLATION MAGNITUDE
CH1 GAIN
CH2 GAIN
SPUR
CANCELLATION
ENABLE
ANGLE TO
AMPLITUDE
CONVERSION
DDS
PHASE
OFFSET
14
48
48-BIT ACCUMULATOR
DDS
48-BIT
FREQUENCY
TURNING WORD
(FTW)
SYSCLK
2-CHANNEL
HARMONIC
FREQUENCY
GENERATOR
CH1
CH2
Figure 46. Spur Reduction Technique
The mechanics of performing harmonic spur reduction are shown
in Figure 46. It essentially consists of two additional DDS cores
operating in parallel with the original DDS. This enables the user
to reduce two different harmonic spurs from the second to the
15th with nine bits of phase offset control (±π) and eight bits of
ampli-tude control.
The dynamic range of the cancellation signal is further aug-
mented by a gain bit associated with each channel. When this
bit is set, the magnitude of the cancellation signal is doubled by
employing a 1-bit left-shift of the data. However, the shift
operation reduces the granularity of the cancellation signal
magnitude.
Note that the full-scale amplitude of a cancellation spur is
approximately −60 dBc when the gain bit is a Logic 0 and
approximately −54 dBc when the gain bit is a Logic 1.
OUTPUT CLOCK DRIVERS AND 2× FREQUENCY
MULTIPLIER
There are two output drivers provided by the AD9549. The
primary supports differential 1.8 V HSTL output levels while
the secondary supports either 1.8 V or 3.3 V CMOS levels,
depending on whether Pin 37 is driven at 1.8 V or 3.3 V.
The primary differential driver nominally provides an output
voltage with 100 Ω load applied differentially (VDD − VSS =
1.8 V). The source impedance of the driver is approximately
100 Ω for most of the output clock period; during transition
between levels, the source impedance reaches a maximum of
about 500 Ω. The driver is designed to support output
frequencies of up to and beyond the OC-12 network rate of
622.08 MHz.
The output clock can also be powered down by a control bit in
the I/O register map.
Primary 1.8 V Differential HSTL Driver
The DDS produces a sinusoidal clock signal that is sampled at
the system clock rate. This DDS output signal is routed off chip,
where it is passed through an analog filter and brought back on
chip for buffering and, if necessary, frequency doubling. Where
possible, for the best jitter performance, it is recommended that
the upconverter be bypassed.
The 1.8 V HSTL output driver should be ac-coupled, with
100 Ω termination at the destination. The driver design has low
jitter injection for frequencies in the range of 50 MHz to 750 MHz.
Refer to the AC Specifications section for the exact frequency
limits.
2× Frequency Multiplier
The AD9549 can be configured via the I/O register map with an
internal 2× delay-locked loop (DLL) multiplier at the input of
the primary clock driver. The extra octave of frequency gain
allows the AD9549 to provide output clock frequencies that
exceed the range available from the DDS alone. These settings
are found in Register 0x0010 and Register 0x0200.
The input to the DLL consists of the filtered DDS output signal
after it has been squared up by an integrated clock receiver circuit.
The DLL can accept input frequencies in the range of 200 MHz
to 400 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com