Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9549ABCPZ Datasheet HTML 1Page - Analog Devices AD9549ABCPZ Datasheet HTML 2Page - Analog Devices AD9549ABCPZ Datasheet HTML 3Page - Analog Devices AD9549ABCPZ Datasheet HTML 4Page - Analog Devices AD9549ABCPZ Datasheet HTML 5Page - Analog Devices AD9549ABCPZ Datasheet HTML 6Page - Analog Devices AD9549ABCPZ Datasheet HTML 7Page - Analog Devices AD9549ABCPZ Datasheet HTML 8Page - Analog Devices AD9549ABCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
AD9549
Rev. D | Page 4 of 76
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V ± 5%, AVDD3 = 3.3 V ± 5%, DVDD = 1.8 V ± 5%, DVDD_I/O = 3.3 V ± 5%. AVSS = 0 V, DVSS = 0 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
DVDD_I/O (Pin 1)
3.135
3.30
3.465
V
DVDD (Pin 3, Pin 5, Pin 7)
1.71
1.80
1.89
V
AVDD3 (Pin 14, Pin 46, Pin 47, Pin 49)
3.135
3.30
3.465
V
AVDD3 (Pin 37)
1.71
3.30
3.465
V
Pin 37 is typically 3.3 V, but can be set to 1.8 V
AVDD (Pin 11, Pin 19, Pin 23 to Pin 26, Pin 29,
Pin 30, Pin 36, Pin 42, Pin 44, Pin 45, Pin 53)
1.71
1.80
1.89
V
SUPPLY CURRENT
IAVDD3 (Pin 14)
4.7
5.6
mA
REFA, REFB buffers
IAVDD3 (Pin 37)
3.8
4.5
mA
CMOS output clock driver at 3.3 V
IAVDD3 (Pin 46, Pin 47, Pin 49)
26
29
mA
DAC output current source, fS = 1 GSPS
IAVDD (Pin 36, Pin 42)
21
26
mA
FDBK_IN input, HSTL output clock driver
(output doubler turned on)
IAVDD (Pin 11)
12
15
mA
REFA and REFB input buffer 1.8 V supply
IAVDD (Pin 19, Pin 23 to Pin 26, Pin 29,
Pin 30, Pin 44, Pin 45)
215
281
mA
Aggregate analog supply, including system
clock PLL
IAVDD (Pin 53)
41
49
mA
DAC power supply
IDVDD (Pin 3, Pin 5, Pin 7)
254
265
mA
Digital core
IDVDD_I/O (Pin 1)
4
6
mA
Digital I/O (varies dynamically)
LOGIC INPUTS (Except Pin 32)
Pin 9, Pin 10, Pin 54 to Pin 61, Pin 63, Pin 64
Input High Voltage (VIH)
2.0
DVDD_I/O
V
Input Low Voltage (VIL)
DVSS
0.8
V
Input Current (IINH, IINL)
±60
±200
µA
At VIN = 0 V and VIN = DVDD_I/O
Maximum Input Capacitance (CIN)
3
pF
CLKMODESEL (Pin 32) LOGIC INPUT
Pin 32 only
Input High Voltage (VIH)
1.4
AVDD
V
Input Low Voltage (VIL)
AVSS
0.4
V
Input Current (IINH, IINL)
−18
−50
µA
At VIN = 0 V and VIN = AVDD
Maximum Input Capacitance (CIN)
3
pF
LOGIC OUTPUTS
Pin 62 and the following bidirectional pins:
Pin 9, Pin 10, Pin 54, Pin 55, Pin 63
Output High Voltage (VOH)
2.7
DVDD_I/O
V
IOH = 1 mA
Output Low Voltage (VOL)
DVSS
0.4
V
IOL = 1 mA
REFERENCE INPUTS
Pin 12, Pin 13, Pin 15, Pin 16
Input Capacitance
3
pF
Input Resistance
8.5
11.5
14.5
kΩ
Differential at Register 0x040F[1:0] = 00
Differential Operation
Common Mode Input Voltage1
1.5
(Applicable When DC-Coupled)
AVDD3 −
0.2
V
Differential operation; note that LVDS signals
must be ac-coupled
Differential Input Voltage Swing1
500
mV p-p
Differential operation
Single-Ended Operation
Register 0x040F[1:0] = 10
Input Voltage High (VIH)
2.0
AVDD3
V
Input Voltage Low (VIL)
AVSS
0.8
V
Threshold Voltage
AVDD3 −
0.66
AVDD3 −
0.82
AVDD3 −
0.98
V
Register 0x040F[1:0] = 10 (other settings
possible)
Input Current
1
mA
Single-ended operation
FDBK_IN INPUT
Pin 40, Pin 41
Input Capacitance
3
pF
Input Resistance
18
22
26
kΩ
Differential
Differential Input Voltage Swing2
225
mV p-p
−12 dBm into 50 Ω; must be ac-coupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com