Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9549ABCPZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 31Page - Analog Devices AD9549ABCPZ Datasheet HTML 32Page - Analog Devices AD9549ABCPZ Datasheet HTML 33Page - Analog Devices AD9549ABCPZ Datasheet HTML 34Page - Analog Devices AD9549ABCPZ Datasheet HTML 35Page - Analog Devices AD9549ABCPZ Datasheet HTML 36Page - Analog Devices AD9549ABCPZ Datasheet HTML 37Page - Analog Devices AD9549ABCPZ Datasheet HTML 38Page - Analog Devices AD9549ABCPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
AD9549
Rev. D | Page 35 of 76
External Loop Filter (SYSCLK PLL)
The loop bandwidth of the SYSCLK PLL multiplier can be
adjusted by means of three external components, as shown in
Figure 44. The nominal gain of the VCO is 800 MHz/V. The
recommended component values are shown in Table 7. They
establish a loop bandwidth of approximately 1.6 MHz with
the charge pump current set to 250 μA. The default case is
N = 40 and assumes a 25 MHz SYSCLK input frequency and
generates an internal DAC sampling frequency (fS) of 1 GHz.
CHARGE
PUMP
~2pF
LOOP_FILTER
C2
R1
C1
EXTERNAL
LOOP FILTER
VCO
AD9549
FERRITE
BEAD
AVDD
29
26
31
Figure 44. External Loop Filter for SYSCLK PLL
Table 7. Recommended Loop Filter Values for a Nominal
1.5 MHz SYSCLK PLL Loop Bandwidth
Multiplier
R1
Series C1
Shunt C2
<8
390 Ω
1 nF
82 pF
10
470 Ω
820 pF
56 pF
20
1 kΩ
390 pF
27 pF
40 (default)
2.2 kΩ
180 pF
10 pF
60
2.7 kΩ
120 pF
5 pF
Detail of SYSCLK Differential Inputs
A diagram of the SYSCLK input pins is provided in Figure 45.
Included are details of the internal components used to bias the
input circuitry. These components have a direct effect on the static
levels at the SYSCLK input pins. This information is intended to
aid in determining how best to interface to the device for a given
application.
Note that the SYSCLK PLL bypassed and SYSCLK PLL enabled
input paths are internally biased to a dc level of ~1 V. Care should
be taken to ensure that any external connections do not disturb
the dc bias because this may significantly degrade performance.
Generally, it is recommended that the SYSCLK inputs be
ac-coupled to the signal source (except when using a crystal
resonator).
HARMONIC SPUR REDUCTION
The most significant spurious signals produced by the DDS are
harmonically related to the desired output frequency of the DDS.
The source of these harmonic spurs can usually be traced to the
DAC, and the spur level is in the −60 dBc range. This ratio
represents a level that is about 10 bits below the full-scale
output of the DAC (10 bits down is 2−10, or 1/1024).
To reduce such a spur requires combining the original signal with
a replica of the spur, but offset in phase by 180°. This idea is the
foundation of the technique used to reduce harmonic spurs in
the AD9549. Because the DAC has 14-bit resolution, a −60dBc
spur can be synthesized using only the lower four bits of the DAC
full-scale range. That is, the 4 LSBs can create an output level that
is approximately 60 dB below the full-scale level of the DAC
(commensurate with a −60 dBc spur). This fact gives rise to
a means of digitally reducing harmonic spurs or their aliased
images in the DAC output spectrum by digitally adding a sinusoid
at the input of the DAC with similar magnitude as the offending
spur but shifted in phase to produce destructive interference.
500
Ω
500
Ω
~1.5pF
~1.5pF
INTERNAL
CLOCK
VSS
~1V
VSS
~2pF
+
SYSCLK PLL BYPASSED
1k
Ω
1k
Ω
~3pF
~3pF
INTERNAL
CLOCK
VSS
~1V
VSS
~2pF
+
SYSCLK PLL ENABLED
AMP
INTERNAL
CLOCK
CRYSTAL RESONATOR WITH
SYSCLK PLL ENABLED
MUX
SYSCLK
SYSCLKB
Figure 45. Differential SYSCLK Inputs
Although the worst spurs tend to be harmonic in origin, the fact
that the DAC is part of a sampled system results in the possibility
of some harmonic spurs appearing in nonharmonic locations in
the output spectrum. For example, if the DAC is sampled at 1 GHz
and generates an output sinusoid of 170 MHz, the fifth harmonic
would normally be at 850 MHz. However, because of the sampling
process, this spur appears at 150 MHz, only 20 MHz away from
the fundamental. Hence when attempting to reduce DAC spurs,
it is important to know the actual location of the harmonic spur
in the DAC output spectrum based on the DAC sample rate so
that its harmonic number can be reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com