Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 179 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 179 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 175Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 176Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 177Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 178Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 179Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 180Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 181Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 182Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 183Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 219 page
background image
P R E L I M I N A R Y
AMD
179
Am79C970A
SWITCHING CHARACTERISTICS: 10BASE-T Interface
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Transmit Timing
tTETD
Transmit Start of Idle
250
350
ns
tTR
Transmitter Rise Time
(10% to 90%)
5.5
ns
tTF
Transmitter Fall Time
(90% to 10%)
5.5
ns
tTM
Transmitter Rise and Fall Time Mismatch
(tTM = |tTR – tTF|)
1
ns
tXMTON
XMT Asserted Delay
100
ns
tXMTOFF
XMT Deasserted Delay
20
62
ms
tPERLP
Idle Signal Period
8
24
ms
tPWLP
Idle Link Pulse Width
(Note 1)
75
120
ns
tPWPLP
Predistortion Idle Link Pulse Width
(Note 1)
45
55
ns
tJA
Transmit Jabber Activation Time
20
150
ms
tJR
Transmit Jabber Reset Time
250
750
ms
tJREC
Transmit Jabber Recovery Time
1.0
µs
(Minimum time gap between
transmitted frames to prevent
jabber activation)
Receiving Timing
tPWNRD
RXD Pulse Width Not to Turn Off
VIN > VTHS (min)
136
ns
Internal Carrier Sense
tPWROFF
RXD Pulse Width To Turn Off
VIN > VTHS (min)
200
ns
tRETD
Receive Start of Idle
200
ns
tRCVON
RCV Asserted Delay
TRON
TRON
ns
– 50
+ 100
tRCVON
RCV Deasserted Delay
20
62
ms
Collision Detection and SQE Test
tCOLON
COL Asserted Delay
750
900
ns
tCOLOFF
COL Deasserted Delay
20
62
ms
Note:
1. Not tested; parameter guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com