Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 177 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 177 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 173Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 174Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 175Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 176Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 177Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 178Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 179Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 180Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 181Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 219 page
background image
P R E L I M I N A R Y
AMD
177
Am79C970A
SWITCHING CHARACTERISTICS: Bus Interface
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Clock Timing
FCLK
CLK Frequency
0
33
MHz
tCYC
CLK Period
@ 1.5 V for VDDB = 5 V
30
∞
ns
@ 0.4 VDDB for VDDB = 3.3 V
tHIGH
CLK High Time
@ 2.0 V for VDDB = 5 V
12
ns
@ 0.475 VDDB for VDDB = 3.3 V
tLOW
CLK Low Time
@ 0.8 V for VDDB = 5 V
12
ns
@ 0.325 VDDB for VDDB = 3.3 V
tFALL
CLK Fall Time
Over 2 V p-p for VDDB = 5 V
1
4
V/ns
Over 0.4 VDDB p–p for
VDDB = 3.3 V (Note 1)
tRISE
CLK Rise Time
Over 2 V p-p for VDDB = 5 V
1
4
V/ns
Over 0.4 VDDB p–p for
VDDB = 3.3 V (Note 1)
Output and Float Delay Timing
tVAL
AD[31:00], C/
BE[3:0], PAR,
@ 1.5 V for VDDB = 5 V
2
11
ns
FRAME, IRDY, TRDY, STOP,
@ 0.4 VDDB for VDDB = 3.3 V
DEVSEL, PERR, SERR
Valid Delay
tVAL (REQ)
REQ Valid Delay
@ 1.5 V for VDDB = 5 V
2
12
ns
@ 0.4 VDDB for VDDB = 3.3 V
tON
AD[31:00], C/
BE[3:0], PAR, FRAME,
@ 1.5 V for VDDB = 5 V
2
11
ns
IRDY, TRDY, STOP, DEVSEL
@ 0.4 VDDB for VDDB = 3.3 V
Active Delay
tOFF
AD[31:00], C/
BE[3:0], PAR, FRAME,
@ 1.5 V for VDDB = 5 V
28
ns
IRDY, TRDY, STOP, DEVSEL
@ 0.4 VDDB for VDDB = 3.3 V
Float Delay
Setup and Hold Timing
tSU
AD[31:00], C/
BE[3:0], PAR, FRAME,
@ 1.5 V for VDDB = 5 V
7
ns
IRDY, TRDY, STOP, LOCK, DEVSEL,
@ 0.4 VDDB for VDDB = 3.3 V
IDSEL
Setup Time
tH
AD[31:00], C/
BE[3:0], PAR, FRAME,
@ 1.5 V for VDDB = 5 V
0
ns
IRDY, TRDY, STOP, LOCK, DEVSEL,
@ 0.4 VDDB for VDDB = 3.3 V
IDSEL
Hold Time
tSU (GNT)
GNT Setup Time
@ 1.5 V for VDDB = 5 V
10
ns
@ 0.4 VDDB for VDDB = 3.3 V
tH (GNT)
GNT Hold Time
@ 1.5 V for VDDB = 5 V
0
ns
@ 0.4 VDDB for VDDB = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com