Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 175 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 175 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 171Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 172Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 173Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 174Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 175Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 176Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 177Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 178Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 179Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 219 page
background image
P R E L I M I N A R Y
AMD
175
Am79C970A
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise
specified (continued)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
Crystal Input Current
VILX
XTAL1 Input LOW Voltage Threshold
VIN = External Clock
–0.5
0.8
V
VIHX
XTAL1 Input HIGH Voltage Threshold
VIN = External Clock
VDD – 0.8 VDD + 0.5
V
IILX
XTAL1 Input LOW Current
VIN = External Clock Active
–120
0
µA
VIN = VSS
Sleep
–10
+10
µA
IIHX
XTAL1 Input HIGH Current
VIN = External Clock Active
0
120
µA
VIN = VDD
Sleep
400
µA
Power Supply Current
IDD
Active Power Supply Current
XTAL1 = 20 MHz,
90
mA
CLK = 33 MHz
IDDCOMA
Sleep Mode Power Supply Current
SLEEP active
200
µA
AWAKE = 0 (BCR2, bit 2)
IDDSNOOZE
Auto Wake Mode Power Supply Current
SLEEP active
10
mA
AWAKE = 1 (BCR2, bit 2)
IDDMAGIC0
Magic Packet Mode
CLK = 0 MHz (Note 10)
47
mA
Power Supply Current
IDDMAGIC33
Magic Packet Mode
CLK = 33 MHz (Note 10)
80
mA
Power Supply Current
Pin Capacitance
CIN
Input Pin Capacitance
FC = 1 MHz (Note 6)
10
pF
CIDSEL
IDSEL Pin Capacitance
FC = 1 MHz (Note 6)
8
pF
CO
I/O or Output Pin Capacitance
FC = 1 MHz (Note 6)
10
pF
CCLK
CLK Pin Capacitance
FC = 1 MHz (Note 6)
5
12
pF
Twisted Pair Interface (10BASE-T)
IIRXD
Input Current at RXD
±
AVSS< VIN < AVDD
–500
500
µA
RRXD
RXD
± Differential Input Resistance
10
K
Ω
VTIVB
RXD+, RXD– Open Circuit IIN = 0 mA
AVDD–3.0 AVDD–1.5
V
Input Voltage (Bias)
VTIDV
Differential Mode Input Voltage
AVDD = 5.0 V
–3.1
3.1
V
Range (RXD
±)
VTSQ+
RXD Positive Squelch Threshold (Peak)
Sinusoid 5 MHz
≤ f ≤ 10 MHz
300
520
mV
LRT = 0 (CSR15, bit 9)
VTSQ-
RXD Negative Squelch Threshold (Peak)
Sinusoid 5 MHz
≤ f ≤ 10 MHz
–520
–300
mV
LRT = 0 (CSR15, bit 9)
VTHS+
RXD Post-Squelch Positive
Sinusoid 5 MHz
≤ f ≤ 10 MHz
Threshold (Peak)
LRT = 0 (CSR15, bit 9)
150
293
mV
VTHS-
RXD Post-Squelch Negative
Sinusoid 5 MHz
≤ f ≤ 10 MHz
Threshold (Peak)
LRT = 0 (CSR15, bit 9)
–293
–150
mV
VLTSQ+
RXD Positive Squelch Threshold (Peak)
Sinusoid 5 MHz
≤ f ≤ 10 MHz
LRT = 1 (CSR15, bit 9)
180
312
mV
VLTSQ-
RXD Negative Squelch Threshold (Peak)
Sinusoid 5 MHz
≤ f ≤ 10 MHz
LRT = 1 (CSR15, bit 9)
–312
–180
mV
VLTHS+
RXD Post-Squelch Positive
Sinusoid 5 MHz
≤ f ≤ 10 MHz
Threshold (Peak)
LRT = 1 (CSR15, bit 9)
90
176
mV
VLTHS-
RXD Post-Squelch Negative
Sinusoid 5 MHz
≤ f ≤ 10 MHz
Threshold (Peak)
LRT = 1 (CSR15, bit 9)
–176
–90
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com