Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 133 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 133 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 129Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 130Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 131Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 132Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 133Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 134Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 135Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 136Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 137Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 219 page
background image
P R E L I M I N A R Y
AMD
133
Am79C970A
Table 25. Software Styles
SWSTYLE
Style
Initialization
Descriptor Ring
Altered Bit
[7:0]
Name
CSRPCNET
SSIZE32
Block Entries
Entries
Interpretations
00h
C-LANCE
1
0
16-bit software
16-bit software
All bits in CSR4
/
structures, non-burst
structures, non-burst
are used, TMD1[29]
PCnet-ISA
or burst access
access only
is ADD_FCS
01h
ILACC
0
1
32-bit software
32-bit software access
CSR4[9:8],CSR4[5:4]
structures, non-burst
structures, non-burst
and CSR4[1:0] have
or burst access
access only
no function, TMD1[29]
is NO_FCS.
02h
PCnet-
1
1
32-bit software
32-bit software
All bits in CSR4 are
PCI II
structures, non-burst
structures, non-burst
used, TMD1[29] is
or burst access
access only
ADD_FCS
03h
PCnet-
1
1
32-bit software
32-bit software
All bits in CSR4 are
PCI II
structures, non-burst
structures, non-burst
used, TMD1[29] is
controller
or burst access
or burst access
ADD_FCS
All Other
Reserved
Undefined
Undefined
Undefined
Undefined
Undefined
CSR60: Previous Transmit Descriptor Address
Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
PXDAL
Contains the lower 16 bits of the
previous transmit descriptor ad-
dress pointer. The PCnet-PCI II
controller
can
stack
multiple
transmit frames.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR61: Previous Transmit Descriptor Address
Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 PXDAU
Contains the upper 16 bits of the
previous transmit descriptor ad-
dress pointer. The PCnet-PCI II
controller
can
stack
multiple
transmit frames.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR62: Previous Transmit Byte Count
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–12
RES
Reserved locations.
11–0
PXBC
Previous Transmit Byte Count.
This field is a copy of the BCNT
field of TMD1 of the previous
transmit descriptor.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR63: Previous Transmit Status
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
PXST
Previous Transmit Status. This
field is a copy of bits 31–16 of
TMD1 of the previous transmit
descriptor.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com