Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 134 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 134 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 130Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 131Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 132Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 133Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 134Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 135Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 136Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 137Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 138Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 219 page
background image
AMD
P R E L I M I N A R Y
134
Am79C970A
CSR64: Next Transmit Buffer Address Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
NXBAL
Contains the lower 16 bits of the
next transmit buffer address from
which the PCnet-PCI II controller
will transmit an outgoing frame.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR65: Next Transmit Buffer Address Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 NXBAU
Contains the upper 16 bits of the
next transmit buffer address from
which the PCnet-PCI II controller
will transmit an outgoing frame.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR66: Next Transmit Byte Count
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–12
RES
Reserved locations. Read and
written as ZEROs.
11–0
NXBC
Next Transmit Byte Count. This
field is a copy of the BCNT field
of TMD1 of the next transmit
descriptor.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR67: Next Transmit Status
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
NXST
Next Transmit Status. This field
is a copy of bits 31–16 of TMD1 of
the next transmit descriptor.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
7–0
RES
Reserved locations. Read and
written as ZEROs. Accessible
only when either the STOP or the
SPND bit is set.
CSR72: Receive Descriptor Ring Counter
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 RCVRC
Receive Descriptor Ring Counter
location. Contains a two’s com-
plement binary number used to
number the current receive de-
scriptor. This counter interprets
the value in CSR76 as pointing to
the first descriptor. A counter
value of ZERO corresponds to
the last descriptor in the ring.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR74: Transmit Descriptor Ring Counter
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 XMTRC
Transmit
Descriptor
Ring
Counter location. Contains a
two’s complement binary num-
ber used to number the current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com