Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 137 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 137 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 133Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 134Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 135Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 136Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 137Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 138Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 139Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 140Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 141Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 219 page
background image
P R E L I M I N A R Y
AMD
137
Am79C970A
CSR82: Bus Activity Timer
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 DMABAT
Bus Activity Timer. If TIMER
(CSR4, bit 13) is set to ONE, this
register controls the maximum
allowable time that PCnet-PCI II
controller will take up on the sys-
tem bus during FIFO data trans-
fers. The Bus Activity Timer does
not limit the time on the system
bus during initialization block or
descriptor transfers.
The DMABAT value is inter-
preted as an unsigned number
with a resolution of 0.1
µs. For
instance, a value of 51
µs would
be programmed with a value of
510 (1FEh). A value of ZERO
(the default value) will result in a
single data transfer.
DMABAT starts counting down
when the PCnet-PCI II controller
is granted bus ownership and the
bus is idle. When DMABAT has
counted down to ZERO, the
PCnet-PCI II controller will finish
the current data phase before re-
leasing the bus. Note that be-
cause DMABAT does not run on
the PCI bus interface clock, the
actual time the PCnet-PCI II
controller takes up the bus
might differ by 2 to 3 clock
periods from the value pro-
grammed to DMABAT.
DMABAT should not be enabled
when the PCnet-PCI II controller
is used in a PCI bus application.
The PCI Latency Timer should be
the only entity governing the time
the PCnet-PCI II controller has
control over the bus.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. Note that the
read operation will yield the value
of the run-time copy of the Bus
Activity Timer and not the regis-
ter that holds the programmed
value. Most read operations will
yield a value of ZERO, because
the run-time counter is only
reloaded with the programmed
value at the beginning of a new
bus mastership period. The Bus
Activity Timer register is cleared
to
a
value
of
0000h
after
H_RESET or S_RESET and is
unaffected
by
setting
the
STOP bit.
CSR84: DMA Address Register Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 DMABAL
This register contains the lower
16 bits of the address of system
memory for the current DMA
cycle. The Bus Interface Unit
controls the Address Register
by issuing commands to incre-
ment the memory address for
sequential
operations.
The
DMABAL register is undefined
until the first PCnet-PCI II con-
troller DMA operation.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR85: DMA Address Register Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 DMABAU
This register contains the upper
16 bits of the address of system
memory for the current DMA cy-
cle. The Bus Interface Unit con-
trols the Address Register by
issuing commands to increment
the memory address for sequen-
tial operations. The DMABAU
register is undefined until the
first
PCnet-PCI
II
controller
DMA operation.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or by setting the
STOP bit.
CSR86: Buffer Byte Counter
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com