Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 139 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 139 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 135Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 136Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 137Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 138Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 139Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 140Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 141Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 142Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 143Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 219 page
background image
P R E L I M I N A R Y
AMD
139
Am79C970A
(CSR0, bit 11) will be set to ONE,
and an interrupt may be gener-
ated, depending upon the setting
of the MERRM bit (CSR3, bit 11)
and the IENA bit (CSR0, bit 6).
The value in this register is inter-
preted as the unsigned number
of XTAL1 clock periods divided
by two, i.e. the value in this regis-
ter is given in 0.1
µs increments.
For example, the value 0600h
(1536 decimal) will cause a
MERR to be indicated after
153.6
µs of bus latency. A value
of ZERO will allow an infinitely
long bus latency, i.e. bus timeout
error will never occur.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. This register is
set to 0600h by H_RESET or
S_RESET and is unaffected by
setting the STOP bit.
CSR112: Missed Frame Count
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
MFC
Missed Frame Count. Indicates
the number of missed frames.
MFC will roll over to a count of
ZERO from the value 65535. The
MFCO bit (CSR4, bit 8) will be set
each time that this occurs. The
PCnet-PCI II controller will not
count missed frames while the
device is in suspend mode
(SPND = 1, CSR5, bit 0).
Read accessible always. MFC is
read only, write operations are
ignored. MFC is cleared by
H_RESET or S_RESET or by
setting the STOP bit.
CSR114: Receive Collision Count
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
RCC
Receive Collision Count. Indi-
cates
the
total
number
of
collisions
on
the
network
encountered by the receiver
since
the
last
reset
of
the counter.
RCC will roll over to a count of
ZERO from the value 65535. The
RCVCCO bit of CSR4 (bit 5) will
be set each time that this occurs.
The PCnet-PCI II controller will
continue counting collisions on
the network while the device is
in suspend mode (SPND = 1,
CSR5, bit 0)
Read accessible always. RCC is
read only, write operations are ig-
nored.
RCC
is
cleared
by
H_RESET or S_RESET or by
setting the STOP bit.
CSR122: Advanced Feature Control
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–2
RES
Reserved locations. Written as
ZEROs and read as undefined.
0
RCVALGN
Receive Frame Align. When set,
this bit forces the data field of
ISO 8802-3 (IEEE/ANSI 802.3)
frames to align to DWord ad-
dress boundaries. It is important
to note that this feature will only
function correctly if all receive
buffer boundaries are DWord
aligned and all receive buffers
have 0 MOD 4 lengths. In order to
accomplish the data alignment,
the PCnet-PCI II controller sim-
ply inserts two bytes of random
data at the beginning of the re-
ceive frame (i.e. before the ISO
8802-3 (IEEE/ANSI 802.3) desti-
nation address field). The MCNT
field reported to the receive de-
scriptor will not include the extra
two bytes.
Read/Write accessible always.
RCVALGN
is
cleared
by
H_RESET or S_RESET and is
not affected by STOP.
CSR124: Test Register 1
Bit
Name
Description
This register is used to place
the PCnet-PCI II controller into
various test modes. Only Runt
Packet Accept and GPSI port en-
able are user accessible test
modes. All other test modes are
for AMD internal use only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com