Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 142 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 142 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 138Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 139Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 140Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 141Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 142Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 143Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 144Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 145Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 146Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 219 page
background image
AMD
P R E L I M I N A R Y
142
Am79C970A
Read/Write accessible always.
TMAULOOP is cleared to ZERO
by H_RESET and is unaffected
by S_RESET or by setting the
STOP bit.
13–9
RES
Reserved locations. Written as
ZEROs and read as undefined.
8
APROMWE
Address PROM Write Enable.
The PCnet-PCI II controller con-
tains a shadow RAM on board
for
storage
of
the
first
16
bytes loaded from the serial
EEPROM. Accesses to Address
PROM I/O Resources will be
directed toward this RAM. When
APROMWE is set to ONE, then
write access to the shadow RAM
will be enabled.
Read/Write accessible always.
APROMWE is cleared to ZERO
by H_RESET and is unaffected
by S_RESET or by setting the
STOP bit.
7
INTLEVEL
Interrupt Level. This bit allows
the interrupt output signals to be
programmed for level or edge-
sensitive applications.
When INTLEVEL is cleared to
ZERO, the
INTA pin is configured
for level-sensitive applications.
In this mode, an interrupt request
is
signaled
by
a
low
level
driven on the
INTA pin by the
PCnet-PCI II controller. When
the interrupt is cleared, the
INTA
pin is tri-stated by the PCnet-PCI
II controller and allowed to be
pulled to a high level by an exter-
nal pullup device. This mode is
intended for systems which allow
the interrupt signal to be shared
by multiple devices.
When INTLEVEL is set to ONE,
the
INTA pin is configured for
edge-sensitive applications. In
this mode, an interrupt request is
signaled by a high level driven on
the
INTA pin by the PCnet-PCI II
controller. When the interrupt is
cleared, the
INTA pin is driven to
a low level by the PCnet-PCI II
controller. This mode is intended
for systems that do not allow in-
terrupt channels to be shared by
multiple devices.
INTLEVEL should not be set to
ONE when the PCnet-PCI II
controller is used in a PCI
bus application.
Read/Write accessible always.
INTLEVEL is cleared to ZERO by
H_RESET and is unaffected by
S_RESET or by setting the
STOP bit.
6
RES
Reserved location. Written as
ZERO and read as undefined.
5
DXCVRCTL
DXCVR Control. When the AUI
or GPSI interface is the active
network port, DXCVRCTL con-
trols the assertion of the DXCVR
output. The polarity of the as-
serted state is controlled by the
DXCVRPOL bit (BCR2, bit 4).
The DXCVR pin can be used to
control a DC-to-DC converter in
applications that want to connect
a 10BASE2 MAU as well as a
standard DB15 AUI connector to
the PCnet-PCI II controller AUI or
GPSI port. When DXCVRCTL is
set to ONE, the DXCVR output
will be asserted. This could be
used to enable a DC-to-DC con-
verter for 10BASE2 MAUs (as-
suming the enable input of the
DC-to-DC converter is active
high and DXCVRPOL is cleared
to ZERO). When DXCVRCTL is
cleared to ZERO, the DXCVR
output will be deasserted. This
would power down the DC-to-DC
converter. When the 10BASE-T
interface is the active network
port,
the
DXCVR
output
is
always deasserted.
Read/Write accessible always.
DXCVRCTL
is
cleared
by
H_RESET and is unaffected by
S_RESET or by setting the
STOP bit.
4
DXCVRPOL
DXCVR Polarity. This bit controls
the polarity of the asserted state
of the DXCVR output. When
DXCVRPOL is cleared to ZERO,
the
DXCVR
output
will
be
HIGH when asserted. When
DXCVRPOL is set to ONE, the
DXCVR output will be LOW
when asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com