Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 143 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 143 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 139Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 140Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 141Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 142Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 143Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 144Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 145Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 146Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 147Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 219 page
background image
P R E L I M I N A R Y
AMD
143
Am79C970A
Table 31. DXCVR Output Control
Active
DXCVR
DXCVRCTL
DXCVRPOL Network Port
Output
X
0
10BASE-T
Low
X
1
10BASE-T
High
0
0
AUI or GPSI
Low
1
0
AUI or GPSI
High
0
1
AUI or GPSI
High
1
1
AUI or GPSI
Low
Read/Write accessible always.
DXCVRPOL
is
cleared
by
H_RESET and is unaffected by
S_RESET or by setting the
STOP bit.
3
EADISEL
EADI Select. When set to ONE,
this bit enables the three EADI in-
terface pins that are multiplexed
with other functions. EESK/
LED1
becomes SFBD, EEDO/
LED3
becomes SRD, and
LED2 be-
comes SRDCLK.
Read/Write accessible always.
EADISEL
is
cleared
by
H_RESET and is unaffected by
S_RESET or by setting the
STOP bit.
2
AWAKE
This bit selects one of two differ-
ent sleep modes.
If AWAKE is set to ONE and the
SLEEP pin is asserted, the
PCnet-PCI II controller goes into
snooze mode. If AWAKE is
cleared to ZERO and the
SLEEP
pin is asserted, the PCnet-PCI II
controller goes into coma mode.
See the section “Power Saving
Modes” for more details.
This bit only has meaning when
the 10BASE-T network interface
is selected.
Read/Write accessible always.
AWAKE is cleared to ZERO by
H_RESET and is unaffected by
S_RESET or by setting the
STOP bit.
1
ASEL
Auto Select. When set, the
PCnet-PCI II controller will auto-
matically select the operating
media interface port, unless the
user has selected GPSI mode
through appropriate program-
ming of the PORTSEL bits of the
Mode Register (CSR15). If GPSI
mode has not been selected,
ASEL has been set to ONE, and
the 10BASE-T transceiver is in
the
Link
Pass
state,
the
10BASE-T port will be used. If
GPSI mode has not been se-
lected, ASEL has been set to
ONE, and the 10BASE-T port is
in the Link Fail state, the AUI port
will be used. If one of the above
conditions changes during trans-
mission, switching between the
ports will not occur until the trans-
mission is ended.
When ASEL is set to ONE, Link
Beat Pulses will be transmitted
on the 10BASE-T port, regard-
less of the state of Link Status.
When ASEL is cleared to ZERO,
Link Beat Pulses will only be
transmitted on the 10BASE-T
port when the PORTSEL bits of
the
Mode
Register
(CSR15)
have selected 10BASE-T as the
active port.
When ASEL is cleared to ZERO,
then the selected network port
will be determined by the settings
of the PORTSEL bits of CSR15.
Read/Write accessible always.
ASEL is set to ONE by H_RESET
and is unaffected by S_RESET
or by setting the STOP bit.
The network port configurations
are as follows:
Table 32. Network Port Configuration
ASEL
Link Status
Network
PORTSEL[1:0] (BCR2[1])
(of 10BASE-T)
Port
0X
1
Fail
AUI
0X
1
Pass
10BASE-T
00
0
X
AUI
01
0
X
10BASE-T
10
X
X
GPSI
11
X
X
Reserved
0
XMAUSEL
Reserved location. Read/Write
accessible always. This reserved
location is cleared by H_RESET
and is unaffected by S_RESET
or by setting the STOP bit. Writ-
ing a ONE to this bit has no effect
on
the
operation
of
the
PCnet-PCI II controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com