Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 153 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 153 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 149Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 150Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 151Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 152Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 153Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 154Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 155Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 156Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 157Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 219 page
background image
P R E L I M I N A R Y
AMD
153
Am79C970A
BCR17: I/O Base Address Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 IOBASEU
Reserved
locations.
After
H_RESET, the value in this
register will be undefined. The
setting of this register has no ef-
fect on any PCnet-PCI II control-
ler function. It is only included for
software compatibility with other
PCnet family devices.
Read/Write accessible always.
IOBASEU is not affected by
S_RESET or by setting the
STOP bit.
BCR18: Burst and Bus Control Register
Bit
Name
Description
Note that bits 15–0 in this register
are programmable through the
external EEPROM. Reserved
bits and read-only bits should be
programmed to ZERO.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–12ROMTMG
Expansion ROM Timing. The
value of ROMTMG is used to
tune the timing of the Expansion
ROM interface. ROMTMG de-
fines the time from when the
PCnet-PCI II controller drives
ERA[7:0] with the lower 8-bits of
the Expansion ROM address to
when the PCnet-PCI II controller
latches in the data on the
ERD[7:0] inputs. The register
value specifies the time in num-
ber of clock cycles. A ROMTMG
value of ZERO results in the
same timing as a ROMTMG
value of ONE.
The access time for the Expan-
sion ROM device (tACC) can be
calculated by subtracting the
clock to output delay for the
ERA[7:0] outputs (tVAL(ERA)) and
the input to clock setup time for
the ERD[7:0] inputs (tSU(ERD))
from
the
time
defined
by
ROMTMG:
tACC
≤ ROMTMG * clock period –
tVAL(ERA) – tSU(ERD)
For an adapter card application,
the value used for clock period
should be 30 ns to guarantee cor-
rect interface timing at the maxi-
mum clock frequency of 33 MHz.
Read accessible always. Write
accessible only when either the
STOP or the SPND bit is set.
ROMTMG is set to the value of
1001b by H_RESET and is not
affected by S_RESET or by
setting the STOP bit. The default
value allows using an Expansion
ROM with an access time of 250
ns in a system with a maximum
clock frequency of 33 MHz.
11–10
RES
Reserved locations. Written as
ZEROs and read as undefined.
9
MEMCMD
Memory Command. This bit de-
termines the command code
used for burst read accesses
to
transmit
buffers.
When
MEMCMD is cleared to ZERO,
all burst read accesses to trans-
mit buffers are of the PCI com-
mand type Memory Read Line
(type 14). When MEMCMD is set
to ONE, all burst read accesses
to transmit buffers are of the PCI
command type Memory Read
Multiple (type 12).
Read accessible always. Write
accessible
only
when
either
the STOP or the SPND bit is
set. MEMCMD is cleared by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
8
EXTREQ
Extended
Request.
This
bit
controls the deassertion of
REQ
for a burst transaction. If EX-
TREQ is cleared to ZERO,
REQ
is deasserted at the beginning of
a burst transaction. (The PCnet-
PCI II controller never performs
more than one burst transaction
within a single bus mastership
period.) In this mode, the PCnet-
PCI II controller relies on the PCI
Latency Timer to get enough bus
bandwidth, in case the system
arbiter also removes
GNT at the
beginning of the burst transac-
tion. If EXTREQ is set to ONE,
REQ stays asserted until the next
to last data phase of the burst
transaction is done. This mode is
useful for systems that imple-
ment an arbitration scheme with-
out preemption and require that
REQ stays asserted throughout
the transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com