Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 154 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 154 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 150Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 151Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 152Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 153Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 154Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 155Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 156Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 157Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 158Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 219 page
background image
AMD
P R E L I M I N A R Y
154
Am79C970A
EXTREQ should not be set to
ONE when the PCnet-PCI II
controller is used in a PCI
bus application.
Read accessible always. Write
accessible only when either the
STOP or the SPND bit is set.
EXTREQ
is
cleared
by
H_RESET and or S_RESET and
is not affected by setting the
STOP bit.
7
DWIO
Double Word I/O. When set, this
bit indicates that the PCnet-PCI II
controller is programmed for
DWord I/O (DWIO) mode. When
cleared, this bit indicates that the
PCnet-PCI II controller is pro-
grammed for Word I/O (WIO)
mode. This bit affects the I/O
Resource Offset map and it af-
fects the defined width of the
PCnet-PCI II controller’s I/O re-
sources. See the sections “Word
I/O Mode” and “Double Word I/O
Mode” for more details.
Read accessible always. DWIO
is cleared by H_RESET and is
not affected by S_RESET or by
setting the STOP bit. DWIO is
cleared by H_RESET or S_RE-
SET and is not affected by setting
the STOP bit.
6
BREADE
Burst Read Enable. When set,
this bit enables burst mode dur-
ing memory read accesses. The
PCnet-PCI II controller can per-
form burst transfers when read-
ing the initialization block, the
descriptor ring entries (when
SWSTYLE is set to Three), and
the
buffer
memory.
When
cleared, this bit prevents the
device
from
bursting
during
read accesses.
BREADE
should
be
set
to
ONE when the PCnet-PCI II
controller is used in a PC
bus application to guarantee
maximum performance.
Read accessible always. Write
accessible only when either the
STOP or the SPND bit is set.
BREADE
is
cleared
by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
5
BWRITE
Burst Write Enable. When set,
this bit enables burst mode
during memory write accesses.
The PCnet-PCI II controller can
perform burst transfers when
writing the descriptor ring entries
(when SWSTYLE is set to Three)
and the buffer memory. When
cleared, this bit prevents the
device
from
bursting
during
write accesses.
BWRITE
should
be
set
to
ONE when the PCnet-PCI II con-
troller
is
used
in
a
PCI
bus application to guarantee
maximum performance.
Read accessible always. Write
accessible only when either the
STOP or the SPND bit is set.
BWRITE is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
4–3 TSTSHDW
Reserved locations. Written and
read as ZEROs.
2–0
LINBC
Reserved locations. Read acces-
sible always. Write accessible
only when either the STOP or the
SPND bit is set. After H_RESET,
the value in these bits will be
001b. The setting of these bits
has no effect on any PCnet-PCI II
controller function. LINBC is not
affected by S_RESET or by set-
ting the STOP bit.
BCR19: EEPROM Control and Status
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15
PVALID
EEPROM Valid status bit. A
value of ONE in this bit indicates
that a PREAD operation has oc-
curred, and that (1) there is an
EEPROM
connected
to
the
PCnet-PCI II controller Microwire
interface pins and (2) the con-
tents read from the EEPROM
have passed the checksum veri-
fication operation. A value of
ZERO in this bit indicates that the
checksum for the entire 36 bytes
of EEPROM is incorrect or that
no EEPROM is connected to the
Microwire interface pins.
If
PVALID
becomes
ZERO
following an EEPROM read op-
eration
(either
automatically
generated after H_RESET, or
requested
through
PREAD),
then all EEPROM-programma-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com