Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 158 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 158 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 154Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 155Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 156Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 157Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 158Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 159Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 160Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 161Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 162Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 219 page
background image
AMD
P R E L I M I N A R Y
158
Am79C970A
PCnet-PCI II controller utilizes
32-bit software structures for the
initialization block and the trans-
mit and receive descriptor en-
tries. When cleared, this bit
indicates that the PCnet-PCI II
controller utilizes 16-bit software
structures for the initialization
block and the transmit and
receive descriptor entries. In this
mode the PCnet-PCI II controller
is backwards compatible with
the Am79C90 C-LANCE and
Am79C960 PCnet-ISA.
The value of SSIZE32 is deter-
mined by the PCnet-PCI II con-
troller according to the setting of
the Software Style (SWSTYLE,
bits 7–0 of this register).
Read
accessible
always.
SSIZE32 is read only. Write op-
erations
will
be
ignored.
SSIZE32 will be cleared after
H_RESET (since SWSTYLE de-
faults to ZERO) and is not af-
fected by S_RESET or by setting
the STOP bit.
If SSIZE32 is cleared to ZERO,
then bits IADR[31:24] of CSR2
will be used to generate values
for the upper 8 bits of the 32 bit
address
bus
during
master
accesses
initiated
by
the
PCnet-PCI II controller. This ac-
tion is required, since the 16-bit
software structures will yield
only 24 bits of address for
PCnet-PCI
II
controller
bus
master accesses.
If SSIZE32 is set to ONE, then
the software structures that are
common to the PCnet-PCI II
controller and the host system
will supply a full 32 bits for each
address pointer that is needed by
the PCnet-PCI II controller for
performing master accesses.
The value of the SSIZE32 bit has
no effect on the drive of the upper
8 address bits. The upper 8 ad-
dress pins are always driven, re-
gardless of the state of the
SSIZE32 bit.
Note that the setting of the
SSIZE32 bit has no effect on the
width for I/O accesses. I/O
access width is determined by
the
state
of
the
DWIO
bit
(BCR18, bit 7).
7–0 SWSTYLE
Software
Style
register.
The
value in this register determines
the style of register and memory
resources that shall be used by
the PCnet-PCI II controller. The
Software
Style
selection
will
affect the interpretation of a few
bits within the CSR space, the or-
der of the descriptor entries and
the width of the descriptors and
initialization block entries.
All PCnet-PCI II controller CSR
bits
and
BCR
bits
and
all
descriptor, buffer and initializa-
tion block entries not cited in the
table above are unaffected by the
software style selection.
Table 35. Software Styles
SWSTYLE
Initialization
Descriptor
Altered Bit
[7:0]
Style Name CSRPCNET
SSIZE32
Block Entries
Ring Entries
Interpretations
00h
C-LANCE
1
0
16-bit software
16-bit software
All bits in CSR4 are
/
structures, non-burst
structures, non-burst
used, TMD1[29] is
PCnet-ISA
or burst access
access only
ADD_FCS
01h
ILACC
0
1
32-bit software
32-bit software
CSR4[9:8],CSR4[5:4]
structures, non-burst
structures, non-burst
and CSR4[1:0] have
or burst access
access only
no function, TMD1[29]
is NO_FCS.
02h
PCnet-PCI
1
1
32-bit software
32-bit software
All bits in CSR4 are
structures, non-burst
structures, non-burst
used, TMD1[29] is
or burst access
access only
ADD_FCS
03h
PCnet-PCI II
1
1
32-bit software
32-bit software
All bits in CSR4 are
Controller
structures, non-burst
structures, non-burst
used, TMD1[29] is
or burst access
or burst access
ADD_FCS
All Other
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com