Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 160 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 160 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 156Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 157Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 158Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 159Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 160Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 161Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 162Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 163Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 164Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 219 page
background image
AMD
P R E L I M I N A R Y
160
Am79C970A
Table 36. Initialization Block (SSIZE32 = 0)
Address
Bits 15–13
Bit 12
Bits 11–8
Bits 7–4
Bits 3–0
IADR+00h
MODE 15–00
IADR+02h
PADR 15–00
IADR+04h
PADR 31–16
IADR+06h
PADR 47–32
IADR+08h
LADRF 15–00
IADR+0Ah
LADRF 31–16
IADR+0Ch
LADRF 47–32
IADR+0Eh
LADRF 63–48
IADR+10h
RDRA 15–00
IADR+12h
RLEN
0
RES
RDRA 23–16
IADR+14h
TDRA 15–00
IADR+16h
TLEN
0
RES
TDRA 23–16
Table 37. Initialization Block (SSIZE32 = 1)
Bits
Bits
Bits
Bits
Bits
Bits
Bits
Bits
Address
31–28
27–24
23–20
19–16
15–12
11–8
7–4
3–0
IADR+00h
TLEN
RES
RLEN
RES
MODE
IADR+04h
PADR 31–00
IADR+08h
RES
PADR 47–32
IADR+0Ch
LADR 31–00
IADR+10h
LADR 63–32
IADR+14h
RDRA 31–00
IADR+18h
TDRA 31–00
Note that the PCnet-PCI II controller performs DWord
accesses to read the initialization block. This statement
is always true, regardless of the setting of the
SSIZE32 bit.
When SSIZE32 (BCR20, bit 8) is set to ONE, the soft-
ware structures are defined to be 32 bits wide. The base
address of the initialization block must be aligned to a
DWord boundary, i.e. CSR1, bits 1 and 0 must be
cleared to ZERO. When SSIZE32 is set to ONE, the
initialization block looks as shown in Table 37.
RLEN AND TLEN
When SSIZE32 (BCR20, bit 8) is set to ZERO, the soft-
ware structures are defined to be 16 bits wide, and the
RLEN and TLEN fields in the initialization block are each
3 bits wide. The values in these fields determine the
number of transmit and receive Descriptor Ring Entries
(DRE) which are used in the descriptor rings. Their
meaning is as follows:
Table 38. R/TLEN Decoding (SSIZE32 = 0)
R/TLEN
No. of DREs
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128
If a value other than those listed in the above table is de-
sired, CSR76 and CSR78 can be written after initializa-
tion is complete.
When SSIZE32 (BCR20, bit 8) is set to ONE, the soft-
ware structures are defined to be 32 bits wide, and the
RLEN and TLEN fields in the initialization block are each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com