Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 156 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 156 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 152Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 153Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 154Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 155Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 156Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 157Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 158Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 159Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 160Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 219 page
background image
AMD
P R E L I M I N A R Y
156
Am79C970A
Table 33. EEDET Setting
EEDET
Value
EEPROM
Result of Automatic EEPROM Read
(BCR19[3])
Connected?
Result if PREAD is Set to ONE
Operation Following H_RESET
0
No
EEPROM read operation is attempted.
First TWO EESK clock cycles are
Entire read sequence will occur,
generated, then EEPROM read
checksum failure will result, PVALID
operation is aborted and PVALID
is cleared to ZERO.
is cleared to ZERO.
0
Yes
EEPROM read operation is attempted.
First TWO EESK clock cycles are
Entire read sequence will occur,
generated, then EEPROM read
checksum operation will pass, PVALID
operation is aborted and PVALID is
is set to ONE.
cleared to ZERO.
1
No
EEPROM read operation is attempted.
EEPROM read operation is attempted.
Entire read sequence will occur,
Entire read sequence will occur,
checksum failure will result, PVALID
checksum failure will result, PVALID is
is cleared to ZERO.
cleared to ZERO.
1
Yes
EEPROM read operation is attempted.
EEPROM read operation is attempted.
Entire read sequence will occur,
Entire read sequence will occur,
checksum operation will pass, PVALID
checksum operation will pass, PVALID
is set to ONE.
is set to ONE.
12–5
RES
Reserved locations. Written as
ZEROs, read as undefined.
4
EEN
EEPROM port enable. When this
bit is set to ONE, it causes the
values of ECS, ESK, and EDI to
be driven onto the EECS, EESK,
and EEDI pins, respectively. If
EEN is cleared to ZERO and no
EEPROM
read
function
is
currently active, then EECS will
be driven LOW and the EESK
and EEDI pins change their
function to
LED1 and LNKST and
are controlled by BCR5 and
BCR4, respectively.
Read accessible always. Write
accessible only when either the
STOP or the SPND bit is set.
EEN is cleared to ZERO by
H_RESET and is unaffected by
S_RESET or by setting the
STOP bit.
3
RES
Reserved location. Written as
ZERO and read as undefined.
2
ECS
EEPROM Chip Select. This bit is
used to control the value of the
EECS pin of the Microwire inter-
face when the EEN bit is set to
ONE and the PREAD bit is
cleared to ZERO. If EEN is set to
ONE and PREAD is cleared to
ZERO and ECS is set to ONE,
then the EECS pin will be forced
to a HIGH level at the rising edge
of the next clock following bit pro-
gramming. If EEN is set to ONE
and PREAD is cleared to ZERO
and ECS is cleared to ZERO,
then the EECS pin will be forced
to a LOW level at the rising edge
of the next clock following bit pro-
gramming. ECS has no effect on
the output value of the EECS pin
unless the PREAD bit is cleared
to ZERO and the EEN bit is set
to ONE.
Read accessible always. Write
accessible only when either the
STOP or the SPND bit is set.
ECS is cleared to ZERO by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
1
ESK
EEPROM Serial Clock. This bit
and the EDI/EDO bit are used to
control
host
access
to
the
EEPROM. Values programmed
to this bit are placed on to the
EESK pin at the rising edge of the
next clock following bit program-
ming, except when the PREAD
bit is set to ONE or the EEN bit is
cleared to ZERO. If both the ESK
bit and the EDI/EDO bit values
are changed during one BCR19
write operation while EEN is set
to ONE, then setup and hold
times of the EEDI pin value with
respect to the EESK signal edge
are not guaranteed.
ESK has no effect on the EESK
pin unless the PREAD bit is
cleared to ZERO and the EEN bit
is set to ONE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com