Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 159 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 159 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 155Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 156Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 157Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 158Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 159Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 160Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 161Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 162Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 163Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 219 page
background image
P R E L I M I N A R Y
AMD
159
Am79C970A
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. The SWSTYLE
register will contain the value 00h
following H_RESET and will be
unaffected by S_RESET or by
setting the STOP bit.
BCR21: Interrupt Control
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 INTCON
Reserved locations. The setting
of this register has no effect on
any PCnet-PCI II controller func-
tion. It is only included for
software compatibility with other
PCnet family devices.
Read/Write accessible always.
INTCON
is
not
affected
by
S_RESET or by setting the
STOP bit.
BCR22: PCI Latency Register
Bit
Name
Description
Note that bits 15–0 in this register
are programmable through the
external EEPROM.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–8 MAX_LAT
Maximum Latency. Specifies the
maximum arbitration latency the
PCnet-PCI II controller can sus-
tain without causing problems to
the network activity. The register
value specifies the time in units of
1/4 microseconds. MAX_LAT is
aliased to the PCI configuration
space register MAX_LAT (offset
3Fh). The host should use the
value in this register to determine
the setting of the PCI Latency
Timer register.
Read accessible always. Write
accessible only when either the
STOP or the SPND bit is set.
MAX_LAT is set to the value
of FFh by H_RESET which
corresponds to a maximum la-
tency of 63.75 microseconds.
The actual maximum latency the
PCnet-PCI II controller can han-
dle is 153.6
µs which is also the
value for the bus time-out (see
CSR100). MAX_LAT is not af-
fected by S_RESET or by setting
the STOP bit.
7–0 MIN_GNT
Minimum Grant. Specifies the
minimum length of a burst period
the PCnet-PCI II controller needs
to keep up with the network activ-
ity. The length of the burst period
is calculated assuming a clock
rate of 33 MHz. The register
value specifies the time in units of
1/4 microseconds. MIN_GNT is
aliased to the PCI configuration
space register MIN_GNT (offset
3Eh). The host should use the
value in this register to determine
the setting of the PCI Latency
Timer register.
Read accessible always. Write
accessible only when either the
STOP or the SPND bit is set.
MIN_GNT is set to the value of
06h by H_RESET which corre-
sponds to a minimum grant of 1.5
microseconds. 1.5 microseconds
is the time it takes to PCnet-PCI II
controller to read/write 64 bytes.
(16 DWord transfers in burst
mode with one extra wait state
per data phase inserted by the
target.) Note that the default is
only a typical value. It also does
not take into account any de-
scriptor accesses. MIN_GNT is
not affected by S_RESET or by
setting the STOP bit.
Initialization Block
When SSIZE32 (BCR20, bit 8) is set to ZERO, the soft-
ware structures are defined to be 16 bits wide. The base
address of the initialization block must be aligned to a
DWord boundary, i.e. CSR1, bit 1 and 0 must be cleared
to ZERO. When SSIZE32 is set to ZERO, the initializa-
tion block looks like this:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com