Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 231 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 231 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 227Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 228Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 229Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 230Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 231Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 232Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 233Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 234Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 235Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 265 page
background image
APPENDIX A
Am79C971
A-1
Am79C971 Compatible Media Interface
Modules
AM79C971 COMPATIBLE 10BASE-T FILTERS AND TRANSFORMERS
The table below provides a sample list of Am79C971
compatible 10BASE-T filter and transformer modules
available form various vendors. Contact the respective
manufacturer for a complete updated component list-
ing.
Note: 100BASE-TX and 100BASE-T4 interfaces are unique to the external PHY. Contact the PHY vendor for the appropriate
information.
Manufacturer
Part No.
Package
Filters and
Transformers
Filters
Transformers
and Choke
Filters
Transformers
Dual Chokes
Filters
Transformers
Resistors Dual
Chokes
Bel Fuse
A556-2006-DE 16-pin 0.3 DIL
X
Bel Fuse
0556-2006-00
14-pin SIP
X
Bel Fuse
0556-2006-01
14-pin SIP
X
Bel Fuse
0556-6392-00
16-pin 0.5 DIL
X
Halo Electronics FD02-101G
16-pin 0.3 DIL
X
Halo Electronics FD12-101G
16-pin 0.3 DIL
X
Halo Electronics FD22-101G
16-pin 0.3 DIL
X
PCA Electronics EPA 1990A
16-pin 0.3 DIL
X
PCA Electronics EPA 2013D
16-pin 0.3 DIL
X
PCA Electronics EPA 2162
16-pin 0.3 SIP
X
Pulse
Engineering
PE-65421
16-pin 0.3 DIL
X
Pulse
Engineering
PE-65434
16-pin 0.3 SIL
X
Pulse
Engineering
PE-65445
16-pin 0.3 DIL
X
Pulse
Engineering
PE-65467
12-pin 0.5 SMT
X
Valor Electronics PT3877
16-pin 0.3 DIL
X
Valor Electronics PT3877
16-pin 0.3 DIL
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com