Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 235 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 235 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 231Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 232Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 233Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 234Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 235Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 236Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 237Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 238Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 239Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 265 page
background image
APPENDIX C
Am79C971
C-1
Alternative Method for Initialization*
The Am79C971 controller may be initialized by per-
forming I/O writes only. That is, data can be written di-
rectly to the appropriate control and status registers
(CSR instead of reading from the initialization block in
memory). The registers that must be written are shown
in the table below. These register writes are followed by
writing the START bit in CSR0.
Notes:
*The INIT bit must not be set or the initialization block will be accessed instead.
**Needed only if SSIZE32 =0.
Control and Status Register
Comment
CSR2
IADR[31:16]**
CSR8
LADRF[15:0]
CSR9
LADRF[31:16]
CSR10
LADRF[47:32]
CSR11
LADRF[63:48]
CSR12
PADR[15:0]
CSR13
PADR[31:16]
CSR14
PADR[47:32]
CSR15
Mode
CSR24-25
BADR
CSR30-31
BADX
CSR47
TXPOLLINT
CSR49
RXPOLLINT
CSR76
RCVRL
CSR78
XMTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com