Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 234 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 234 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 230Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 231Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 232Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 233Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 234Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 235Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 236Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 237Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 238Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 265 page
background image
B-2
Am79C971
The most critical pins in the layout of a Am79C971 de-
sign are the four analog power and two analog ground
pins, VDD_PLL, AVDD, VSS_PLL and AVSS respec-
tively. All of these pins are located in one corner of the
device, the “analog corner.” Specific functions and lay-
out requirements of the analog power and ground pins
are given below.
AVSS and AVDD
These pins provide the power and ground for the
Twisted Pair and AUI drivers. In addition AVSS serves
as the ground for the logic interfaces in the 20 MHz
Crystal Oscillator. Hence, these pins can be very noisy.
A dedicated 0.1
µF capacitor between these pins is
recommended.
VSS_PLL and VDD_PLL
These pins are the most critical p ins on t h e
Am79C971 device because they provide the power
and ground for the phase-lock loop (PLL) portion of the
chip. The voltage-controlled oscillator (VCO) portion of
the PLL is sensitive to noise in the 60 kHz - 200 kHz.
range. To prevent noise in this frequency range from
disrupting the VCO, it is strongly recommended that
the low-pass filter shown below be implemented on
these pins when internal ports are used.This filter is not
needed when MII is used solely.
Figure 2.
Power and Ground Pin Connections
To determine the value for the resistor and capacitor,
the formula is:
R * C
≥ 88
where R is in Ohms and C is in microfarads. Some pos-
sible combinations are given below. To minimize the
voltage drop across the resistor, the R value should not
be more than 10
Ω.
Note: The capacitor used should be tantalum not alu-
minum electrolytic.5.0
VSS_PLL and VDD_PLL/AVDD
These pins provide power and ground for the AUI and
twisted pair receive circuitry. In addition, as mentioned
earlier, VSS_PLL and VDD_PLL provide power and
ground for the phase-lock loop portion of the chip. Ex-
cept for the filter circuit already mentioned, no specific
decoupling is necessary on these pins.
AVDD
AVDD provides power for the control and interface logic
in the PLL. Ground for this logic is provided by digital
ground pins. No specific decoupling is necessary on
this pin.
Special Note for Adapter Cards: In adapter card de-
signs, it is important to utilize all available power
and ground pins available on the bus edge connec-
tor. In addition, the connection from the bus edge con-
nector to the power or ground plane should be made
through more than one via and with wide traces (15
mils desirable) wherever possible. Following these rec-
ommendations results in minimal inductance in the
power and ground paths. By minimizing this induc-
tance, ground bounce is minimized.
See also the PCnet™ Family Board Design and Layout
Recommendations applications note (PID# 19595) for
additional information.
VDD_PLL
VSS_PLL
Am79C971
VDD Plane
33
µF to 10 µF
0.1
µF
1
Ω to 10 Ω
VSS Plane
(Pin 129)
(Pin 119)
2.7
Ω το 10 Ω
19364D-2
R
C
2.7
Ω
33
µF
4.3
Ω
22
µF
6.8
Ω
15
µF
10
Ω
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com